Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC163ANG Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC74HC163ANG
Description  Presettable Counters High?뭁erformance Silicon?묰ate CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC163ANG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC74HC163ANG Datasheet HTML 4Page - ON Semiconductor MC74HC163ANG Datasheet HTML 5Page - ON Semiconductor MC74HC163ANG Datasheet HTML 6Page - ON Semiconductor MC74HC163ANG Datasheet HTML 7Page - ON Semiconductor MC74HC163ANG Datasheet HTML 8Page - ON Semiconductor MC74HC163ANG Datasheet HTML 9Page - ON Semiconductor MC74HC163ANG Datasheet HTML 10Page - ON Semiconductor MC74HC163ANG Datasheet HTML 11Page - ON Semiconductor MC74HC163ANG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC74HC161A, MC74HC163A
http://onsemi.com
8
Figure 4.
Figure 5.
Figure 6.
Figure 7. HC163A Only
Figure 8.
Figure 9.
TEST CIRCUIT
Figure 10.
tr
tf
VCC
GND
tTHL
tTLH
ANY
OUTPUT
90%
50%
10%
90%
50%
10%
CLOCK
tPLH
tPHL
50%
tPHL
VCC
GND
VCC
GND
ANY
OUTPUT
CLOCK
RESET
50%
50%
trec
tr
tf
VCC
GND
tPHL
tPLH
90%
50%
10%
90%
50%
10%
tTHL
tTLH
ENABLE T
RIPPLE
CARRY
OUT
CLOCK
RESET
50%
tsu
VCC
GND
50%
INPUTS
P0, P1,
P2, P3
50%
VCC
GND
VCC
GND
GND
50%
50%
LOAD
CLOCK
VCC
GND
VCC
GND
ENABLE T
OR
ENABLE P
50%
50%
CLOCK
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
VCC
tw
1/fmax
tw
th
VALID
tsu
th
tsu
th
trec
VALID
tsu
th
SWITCHING WAVEFORMS


Similar Part No. - MC74HC163ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC163AN ONSEMI-MC74HC163AN Datasheet
144Kb / 16P
   Presettable Counters
June, 2001 ??Rev. 9
logo
Motorola, Inc
MC74HC163AN MOTOROLA-MC74HC163AN Datasheet
255Kb / 12P
   PRESETTABLE COUNTERS HIGH-PERFORMANCE SILICON-GATE CMOS
More results

Similar Description - MC74HC163ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC4051DTR2G ONSEMI-MC74VHC4051DTR2G Datasheet
206Kb / 17P
   High?뭁erformance Silicon?묰ate CMOS
May, 2011 ??Rev. 6
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
MC74HC4351 ONSEMI-MC74HC4351 Datasheet
356Kb / 13P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HC4016 ONSEMI-MC74HC4016 Datasheet
286Kb / 11P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HCT541A ONSEMI-MC74HCT541A_17 Datasheet
93Kb / 6P
   High?뭁erformance Silicon?묰ate CMOS
June, 2017 ??Rev. 8
MC74HCT259A ONSEMI-MC74HCT259A Datasheet
133Kb / 9P
   High?뭁erformance Silicon?묰ate CMOS
April, 2011 ??Rev. 3
MC74HC04A ONSEMI-MC74HC04A_06 Datasheet
136Kb / 9P
   Hex Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
74HC04 ONSEMI-74HC04 Datasheet
124Kb / 7P
   Hex Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT8051 ONSEMI-MC74LVXT8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com