Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC144T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # DTC144T
Description  NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTC144T Datasheet(HTML) 1 Page - Unisonic Technologies

  DTC144T Datasheet HTML 1Page - Unisonic Technologies DTC144T Datasheet HTML 2Page - Unisonic Technologies DTC144T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
DTC144T
NPN SILICON TRANSISTOR
ofwww.unisonic.com.tw
1of 3
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R206-066,B
NPN DIGITAL TRANSISTOR
(BUILT- IN BIAS RESISTORS)
FEATURES
* Built-in bias resistors that implies easy ON/OFF applications.
* The bias resistors are thin-film resistors with complete isolation to
allow negative input.
EQUIVALENT CIRCUIT
C
B
E
R1
SOT-23
3
2
1
SOT-323
3
2
1
SOT-523
3
2
1
*Pb-free plating product number:DTC144TL
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
DTC144T-AE3-R
DTC144TL-AE3-R
SOT-23
E
B
C
Tape Reel
DTC144T-AL3-R
DTC144TL-AL3-R
SOT-323
E
B
C
Tape Reel
DTC144T-AN3-R
DTC144TL-AN3-R
SOT-523
E
B
C
Tape Reel
DTC144TL-AE3-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) AE3: SOT-23, AL3: SOT-323, AN3: SOT-523
(3)Lead Plating
(3) L: Lead Free Plating, Blank: Pb/Sn
MARKING
CE4T
For SOT -23/SOT-323 Package
C9T
For SOT-523 Package


Similar Part No. - DTC144T

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144T ROHM-DTC144T Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
logo
Unisonic Technologies
DTC144T UTC-DTC144T Datasheet
179Kb / 3P
   NPN DIGITAL TRANSISTOR BUILT- IN BIAS RESISTORS)
logo
Rohm
DTC144T ROHM-DTC144T Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC144T ROHM-DTC144T Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
20121023 - Rev.001
logo
Cystech Electonics Corp...
DTC144T3 CYSTEKEC-DTC144T3 Datasheet
249Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
More results

Similar Description - DTC144T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC144T UTC-DTC144T_11 Datasheet
179Kb / 3P
   NPN DIGITAL TRANSISTOR BUILT- IN BIAS RESISTORS)
DTD114E UTC-DTD114E_11 Datasheet
171Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS)
DTC143T UTC-DTC143T Datasheet
93Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS)
DTD113Z UTC-DTD113Z Datasheet
178Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS)
DTC143T UTC-DTC143T_12 Datasheet
185Kb / 3P
   NPN DIGITAL TRANSISTOR BUILT- IN BIAS RESISTORS)
DTC144E UTC-DTC144E_12 Datasheet
156Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS)
DTD113Z UTC-DTD113Z_11 Datasheet
192Kb / 3P
   NPN DIGITAL TRANSISTOR BUILT- IN BIAS RESISTORS)
UG5J UTC-UG5J Datasheet
145Kb / 3P
   NPN DIGITAL TRANSISTOR BUILT- IN BIAS RESISTORS)
DTC144E UTC-DTC144E Datasheet
47Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS)
DTD114E UTC-DTD114E Datasheet
201Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com