Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC165ANG Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74HC165ANG
Description  8?묪it Serial or Parallel?묲nput/ Serial?뭀utput Shift Register High?뭁erformance Silicon?묰ate CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC165ANG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC74HC165ANG Datasheet HTML 3Page - ON Semiconductor MC74HC165ANG Datasheet HTML 4Page - ON Semiconductor MC74HC165ANG Datasheet HTML 5Page - ON Semiconductor MC74HC165ANG Datasheet HTML 6Page - ON Semiconductor MC74HC165ANG Datasheet HTML 7Page - ON Semiconductor MC74HC165ANG Datasheet HTML 8Page - ON Semiconductor MC74HC165ANG Datasheet HTML 9Page - ON Semiconductor MC74HC165ANG Datasheet HTML 10Page - ON Semiconductor MC74HC165ANG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC74HC165A
http://onsemi.com
7
SWITCHING WAVEFORMS
tr
tf
VCC
GND
90%
50%
10%
tPLH
tPHL
CLOCK
OR CLOCK INHIBIT
90%
50%
10%
tTLH
tTHL
QH OR QH
SERIAL SHIFT/
PARALLEL LOAD
QH OR QH
50%
tPLH
50%
VCC
GND
tPHL
50%
tr
tf
INPUT H
90%
50%
10%
90%
50%
10%
VCC
GND
tPHL
tTHL
tTLH
tPLH
QH OR QH
50%
VCC
GND
th
VCC
GND
ASYNCHRONOUS PARALLEL
LOAD
(LEVEL SENSITIVE)
SERIAL SHIFT/
PARALLEL LOAD
INPUTS A−H
INPUT SA
50%
50%
CLOCK
OR CLOCK INHIBIT
VCC
GND
VCC
GND
SERIAL SHIFT/
PARALLEL LOAD
CLOCK
OR CLOCK INHIBIT
50%
50%
tsu
VCC
GND
VCC
GND
CLOCK 2 INHIBITED
CLOCK INHIBIT
CLOCK
50%
50%
tsu
trec
VCC
GND
VCC
GND
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
tw
1/fmax
tw
VALID
tsu
VALID
tsu
th
th
Figure 3. Serial−Shirt Mode
Figure 4. Parallel−Load Mode
Figure 5. Parallel−Load Mode
Figure 6. Parallel−Load Mode
Figure 7. Serial−Shift Mode
Figure 8. Serial−Shift Mode
Figure 9. Serial−Shift, Clock−Inhibit Mode
Figure 10. Test Circuit


Similar Part No. - MC74HC165ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC165ANG ONSEMI-MC74HC165ANG Datasheet
135Kb / 12P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
October, 2014 ??Rev. 9
More results

Similar Description - MC74HC165ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A_06 Datasheet
184Kb / 11P
   8?묪it Serial?묲nput/Parallel?뭀utput Shift Register
October, 2006 ??Rev. 4
74HC595 ONSEMI-74HC595 Datasheet
160Kb / 13P
   8?묪it Serial?묲nput/Serial or Parallel?뭀utput Shift Register with Latched 3?뭆tate Outputs
March, 2007 ??Rev. 1
MC74HC589A ONSEMI-MC74HC589A_05 Datasheet
141Kb / 14P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High?뭁erformance Silicon?묰ate CMOS
February, 2005 ??Rev. 3
MC74HC595A ONSEMI-MC74HC595A_05 Datasheet
124Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 9
74HC595DG ONSEMI-74HC595DG Datasheet
160Kb / 13P
   8?묪it Serial?묲nput/Serial or Parallel.Output Shift Register with Latched 3?뭆tate Outputs
March, 2007 ??Rev. 1
MC74HC32A ONSEMI-MC74HC32A_06 Datasheet
154Kb / 9P
   Quad 2?묲nput OR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 9
74HC32 ONSEMI-74HC32 Datasheet
127Kb / 8P
   Quad 2?묲nput OR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
IK Semicon Co., Ltd
IN74HC165A IKSEMICON-IN74HC165A Datasheet
264Kb / 8P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
IN74HC166A IKSEMICON-IN74HC166A Datasheet
193Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC165A KODENSHI-KK74HC165A Datasheet
277Kb / 8P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com