Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC161ADR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74HC161ADR2G
Description  Presettable Counters High?뭁erformance Silicon?묰ate CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC161ADR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC74HC161ADR2G Datasheet HTML 2Page - ON Semiconductor MC74HC161ADR2G Datasheet HTML 3Page - ON Semiconductor MC74HC161ADR2G Datasheet HTML 4Page - ON Semiconductor MC74HC161ADR2G Datasheet HTML 5Page - ON Semiconductor MC74HC161ADR2G Datasheet HTML 6Page - ON Semiconductor MC74HC161ADR2G Datasheet HTML 7Page - ON Semiconductor MC74HC161ADR2G Datasheet HTML 8Page - ON Semiconductor MC74HC161ADR2G Datasheet HTML 9Page - ON Semiconductor MC74HC161ADR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC74HC161A, MC74HC163A
http://onsemi.com
6
TIMING REQUIREMENTS (CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Figure
VCC
V
Guaranteed Limit
Unit
– 55 to 25_C
v 85_C
v 125_C
tsu
Minimum Setup Time,
Preset Data Inputs to Clock
8
2.0
3.0
4.5
6.0
40
20
15
12
60
30
20
18
80
40
30
20
ns
tsu
Minimum Setup Time,
Load to Clock
8
2.0
3.0
4.5
6.0
60
25
15
12
75
30
20
18
90
40
30
20
ns
tsu
Minimum Setup Time,
Reset to Clock (HC163A Only)
7
2.0
3.0
4.5
6.0
60
25
20
17
75
30
25
23
90
40
35
25
ns
tsu
Minimum Setup Time,
Enable T or Enable P to Clock
9
2.0
3.0
4.5
6.0
80
35
20
17
95
40
25
23
110
50
35
25
ns
th
Minimum Hold Time,
Clock to Load or Preset Data Inputs
8
2.0
3.0
4.5
6.0
3
3
3
3
3
3
3
3
3
3
3
3
ns
th
Minimum Hold Time,
Clock to Reset (HC163A Only)
7
2.0
3.0
4.5
6.0
3
3
3
3
3
3
3
3
3
3
3
3
ns
th
Minimum Hold Time,
Clock to Enable T or Enable P
9
2.0
3.0
4.5
6.0
3
3
3
3
3
3
3
3
3
3
3
3
ns
trec
Minimum Recovery Time,
Reset Inactive to Clock (HC161A Only)
5
2.0
3.0
4.5
6.0
80
35
15
12
95
40
20
17
110
50
26
23
ns
trec
Minimum Recovery Time,
Load Inactive to Clock
8
2.0
3.0
4.5
6.0
80
35
15
12
95
40
20
17
110
50
26
23
ns
tw
Minimum Pulse Width,
Clock
4
2.0
3.0
4.5
6.0
60
25
12
10
75
30
15
13
90
40
18
15
ns
tw
Minimum Pulse Width,
Reset (HC161A Only)
5
2.0
3.0
4.5
6.0
60
25
12
10
75
30
15
13
90
40
18
15
ns
tr, tf
Maximum Input Rise and Fall Times
2.0
3.0
4.5
6.0
1000
800
500
400
1000
800
500
400
1000
800
500
400
ns


Similar Part No. - MC74HC161ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC161ADR2G ONSEMI-MC74HC161ADR2G Datasheet
167Kb / 15P
   Presettable Counters
May, 2013 ??Rev. 13
More results

Similar Description - MC74HC161ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC4051DTR2G ONSEMI-MC74VHC4051DTR2G Datasheet
206Kb / 17P
   High?뭁erformance Silicon?묰ate CMOS
May, 2011 ??Rev. 6
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
MC74HC4351 ONSEMI-MC74HC4351 Datasheet
356Kb / 13P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HC4016 ONSEMI-MC74HC4016 Datasheet
286Kb / 11P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HCT541A ONSEMI-MC74HCT541A_17 Datasheet
93Kb / 6P
   High?뭁erformance Silicon?묰ate CMOS
June, 2017 ??Rev. 8
MC74HCT259A ONSEMI-MC74HCT259A Datasheet
133Kb / 9P
   High?뭁erformance Silicon?묰ate CMOS
April, 2011 ??Rev. 3
MC74HC04A ONSEMI-MC74HC04A_06 Datasheet
136Kb / 9P
   Hex Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
74HC04 ONSEMI-74HC04 Datasheet
124Kb / 7P
   Hex Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT8051 ONSEMI-MC74LVXT8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com