Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTB123Y-AL3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # DTB123Y-AL3-R
Description  DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTB123Y-AL3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  DTB123Y-AL3-R Datasheet HTML 1Page - Unisonic Technologies DTB123Y-AL3-R Datasheet HTML 2Page - Unisonic Technologies DTB123Y-AL3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTB123Y
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R220-019,A
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-50
V
Input Voltage
VIN
-12 ~ +5
V
Output Current
IC
-500
mA
Power Dissipation
PD
200
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL SPECIFICATIONS (Ta=25°C, unless others specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN(OFF) VCC =-5V, IOUT =-100µA
-0.3
Input Voltage
VIN(ON) VOUT =-0.3V, IOUT =-20mA
-2
V
Output Voltage
VOUT(ON) IOUT/IIN =-50mA/-2.5mA
-0.1
-0.3
V
Input Current
IIN
VIN=-5V
-3.0
mA
Output Current
IOUT(OFF) VCC =-50V, VIN =0V
-0.5
µA
DC Current Gain
hFE
VOUT =-5V, IOUT =-50mA
56
Input Resistance
R1
1.54
2.2
2.86
KΩ
Resistor Ratio
R2/R1
3.6
4.5
5.5
Transition Frequency (Note)
fT
VCE =-10V, IE =50mA, f=100MHz
200
MHz
Note: Transition frequency of the device


Similar Part No. - DTB123Y-AL3-R

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB123Y ROHM-DTB123Y Datasheet
65Kb / 3P
   Digital transistors (built-in resistors)
DTB123Y ROHM-DTB123Y Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
logo
Unisonic Technologies
DTB123Y UTC-DTB123Y Datasheet
199Kb / 3P
   DIGITAL TRANSISTORS
logo
Rohm
DTB123Y ROHM-DTB123Y Datasheet
411Kb / 7P
   PNP -500mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTB123YC ROHM-DTB123YC Datasheet
65Kb / 3P
   Digital transistors (built-in resistors)
More results

Similar Description - DTB123Y-AL3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTA144E UTC-DTA144E Datasheet
101Kb / 3P
   DIGITAL TRANSISTORS (BUILT-IN BIAS RESISTORS)
DTA114T UTC-DTA114T Datasheet
160Kb / 3P
   DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTA123E UTC-DTA123E Datasheet
191Kb / 3P
   DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTB114E UTC-DTB114E Datasheet
100Kb / 3P
   DIGITAL TRANSISTORS (BUILT-IN BIAS RESISTORS)
DTA143T UTC-DTA143T Datasheet
49Kb / 3P
   DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
DTA144TE TGS-DTA144TE Datasheet
168Kb / 2P
   Digital transistors (built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com