Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA123E Datasheet(PDF) 3 Page - Unisonic Technologies

Part # DTA123E
Description  DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA123E Datasheet(HTML) 3 Page - Unisonic Technologies

  DTA123E Datasheet HTML 1Page - Unisonic Technologies DTA123E Datasheet HTML 2Page - Unisonic Technologies DTA123E Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DTA123E
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R206-086,A
TYPICAL CHARACTERISTIC
100
50
20
10
5
2
1
500m
200m
100m
-100μ-200μ -500μ-1m -2m -5m -10m -20m -50m -100m
Output Current, IOUT (A)
Input Voltage vs. Output Current
(ON Characteristics)
Ta=-40℃
25℃
100℃
VOUT=-0.3V
10m
0
-0.5
-1.0
-1.5
-2.0
25℃
Ta=100℃
-40℃
VCC=-5V
5m
2m
1m
500μ
200μ
100μ
50μ
20μ
10μ
-2.5
-3.0
Input Voltage, VI(OFF) (V)
Output Current vs. Input Voltage
(OFF Characteristics)
1K
500
-100μ-200μ
-1m
-2m -5m -10m -20m
-100m
Output Current, IOUT (A)
-40℃
25℃
Ta=100℃
VOUT=-5V
200
100
50
20
10
5
2
1
DC Current Gain vs. Output Current
1
500m
Output Current, IOUT (A)
-40℃
25℃
Ta=100℃
200m
100m
50m
20m
10m
5m
2m
1m
Output Voltage vs. Output Current
lOUT/lIN=20
-500μ
-50m
-100μ-200μ
-1m
-2m -5m -10m -20m
-100m
-500μ
-50m
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - DTA123E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA123E ONSEMI-DTA123E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Rohm
DTA123E ROHM-DTA123E Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
DTA123E ROHM-DTA123E Datasheet
345Kb / 9P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
logo
Unisonic Technologies
DTA123E UTC-DTA123E Datasheet
198Kb / 3P
   DIGITAL TRANSISTORS
logo
Rohm
DTA123E ROHM-DTA123E Datasheet
1Mb / 12P
   PNP -100mA -50V Digital Transistor
More results

Similar Description - DTA123E

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTA144E UTC-DTA144E Datasheet
101Kb / 3P
   DIGITAL TRANSISTORS (BUILT-IN BIAS RESISTORS)
DTA114T UTC-DTA114T Datasheet
160Kb / 3P
   DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTB123Y UTC-DTB123Y Datasheet
90Kb / 3P
   DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTB114E UTC-DTB114E Datasheet
100Kb / 3P
   DIGITAL TRANSISTORS (BUILT-IN BIAS RESISTORS)
DTA143T UTC-DTA143T Datasheet
49Kb / 3P
   DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
DTA144TE TGS-DTA144TE Datasheet
168Kb / 2P
   Digital transistors (built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com