Electronic Components Datasheet Search |
|
UR5515L-TQ5-T Datasheet(PDF) 3 Page - Unisonic Technologies |
|
UR5515L-TQ5-T Datasheet(HTML) 3 Page - Unisonic Technologies |
3 / 8 page UR5515 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 8 www.unisonic.com.tw QW-R502-056,A ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT Input Voltage VIN 7 V Power Dissipation PD Internally Limited W Junction Temperature TJ 125 ℃ Storage Temperature Range TSTG -40 ~ 150 ℃ Note:1.Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2.The device is guaranteed to meet performance specification within 0℃~70℃ operating temperature range and assured by design from –20℃~85℃. ELECTRICAL CHARACTERISTICS (Ta = 25℃, unless otherwise specified: VIN = 2.5V, VCNTL= 3.3V, VREF = 1.25V, COUT=10µF(Ceramic).) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT DDR-I 1.6 2.5 VIN DDR-II 1.8 DDR-I 3.3 6 Input Voltage Range(Note 1) VCNTL No Load,(Note 2) DDR-II 3.3 6 V Output Offset Voltage VOS IOUT=0A, Fig. 1 (Note 3) -20 0 20 mV Operating Current of VCNTL ICNTL No Load 6.5 10 mA DDR-I 0.8 2 IL: 0~1.5A, Fig. 1 DDR-II 1.2 3 DDR-I 0.8 2 Load Regulation |△VLOAD| IL: 0~-1.5A, Fig. 1 DDR-II 1.2 3 % Current In Shutdown Mode ISHDN VREF<0.2V, RL=180Ω, Fig. 2 50 90 µA Short Circuit Protection UR5515 Fig 3, 4 2.1 Current Limit UR5515A ILIMIT Fig 3, 4 3.0 A Over Temperature Protection Thermal Shutdown Temperature TSD 3.3V≤VCNTL≤5V 125 150 ℃ Thermal Shutdown Hysteresis 50 ℃ Shutdown Function Shutdown Threshold Voltage VTHD Fig 5 0.2 0.8 V Note 1. For safely operate your system, the 3.3V rail have to be tied to VCNTL rather than 5V rail 2. Keep VCNTL≥VIN on operation power on and power off sequences. 3. VOS offset is the voltage measurement defined as VOUT subtracted from VREF. THERMAL DATA PARAMETER SYMBOL RATINGS UNIT SOP-8 35 TO-252-5 8 Thermal Resistance Junction-Case TO-263-5 θJC 4 ℃ /W |
Similar Part No. - UR5515L-TQ5-T |
|
Similar Description - UR5515L-TQ5-T |