Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR5515L-S08-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UR5515L-S08-T
Description  1.5A/3A BUS TERMINATION REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5515L-S08-T Datasheet(HTML) 3 Page - Unisonic Technologies

  UR5515L-S08-T Datasheet HTML 1Page - Unisonic Technologies UR5515L-S08-T Datasheet HTML 2Page - Unisonic Technologies UR5515L-S08-T Datasheet HTML 3Page - Unisonic Technologies UR5515L-S08-T Datasheet HTML 4Page - Unisonic Technologies UR5515L-S08-T Datasheet HTML 5Page - Unisonic Technologies UR5515L-S08-T Datasheet HTML 6Page - Unisonic Technologies UR5515L-S08-T Datasheet HTML 7Page - Unisonic Technologies UR5515L-S08-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UR5515
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-056,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
7
V
Power Dissipation
PD
Internally Limited
W
Junction Temperature
TJ
125
Storage Temperature Range
TSTG
-40 ~ 150
Note:1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.The device is guaranteed to meet performance specification within 0℃~70℃ operating temperature range
and assured by design from –20℃~85℃.
ELECTRICAL CHARACTERISTICS
(Ta = 25℃, unless otherwise specified: VIN = 2.5V, VCNTL= 3.3V, VREF = 1.25V, COUT=10µF(Ceramic).)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
DDR-I
1.6
2.5
VIN
DDR-II
1.8
DDR-I
3.3
6
Input Voltage Range(Note 1)
VCNTL
No Load,(Note 2)
DDR-II
3.3
6
V
Output Offset Voltage
VOS
IOUT=0A, Fig. 1 (Note 3)
-20
0
20
mV
Operating Current of VCNTL
ICNTL
No Load
6.5
10
mA
DDR-I
0.8
2
IL: 0~1.5A, Fig. 1
DDR-II
1.2
3
DDR-I
0.8
2
Load Regulation
|△VLOAD|
IL: 0~-1.5A, Fig. 1
DDR-II
1.2
3
%
Current In Shutdown Mode
ISHDN
VREF<0.2V, RL=180Ω, Fig. 2
50
90
µA
Short Circuit Protection
UR5515
Fig 3, 4
2.1
Current Limit
UR5515A
ILIMIT
Fig 3, 4
3.0
A
Over Temperature Protection
Thermal Shutdown Temperature
TSD
3.3V≤VCNTL≤5V
125
150
Thermal Shutdown Hysteresis
50
Shutdown Function
Shutdown Threshold Voltage
VTHD
Fig 5
0.2
0.8
V
Note 1. For safely operate your system, the 3.3V rail have to be tied to VCNTL rather than 5V rail
2. Keep VCNTL≥VIN on operation power on and power off sequences.
3. VOS offset is the voltage measurement defined as VOUT subtracted from VREF.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-8
35
TO-252-5
8
Thermal Resistance Junction-Case
TO-263-5
θJC
4
/W


Similar Part No. - UR5515L-S08-T

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UR5515 ETL-UR5515 Datasheet
316Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
UR5515-S08-R ETL-UR5515-S08-R Datasheet
316Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
UR5515-S08-T ETL-UR5515-S08-T Datasheet
316Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
UR5515-TN5-R ETL-UR5515-TN5-R Datasheet
316Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
UR5515-TN5-T ETL-UR5515-TN5-T Datasheet
316Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
More results

Similar Description - UR5515L-S08-T

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1250GM A-POWER-AP1250GM Datasheet
104Kb / 5P
   1.5A / 3A Bus Termination Regulator
logo
Richtek Technology Corp...
RT9173 RICHTEK-RT9173 Datasheet
198Kb / 10P
   1.5A/3A Bus Termination Regulator
logo
E-Tech Electronics LTD
UR5515 ETL-UR5515 Datasheet
316Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
   3A BUS TERMINATION REGULATOR
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
   3A BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com