Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7053A-D16-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # TDA7053A-D16-T
Description  STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7053A-D16-T Datasheet(HTML) 6 Page - Unisonic Technologies

  TDA7053A-D16-T Datasheet HTML 1Page - Unisonic Technologies TDA7053A-D16-T Datasheet HTML 2Page - Unisonic Technologies TDA7053A-D16-T Datasheet HTML 3Page - Unisonic Technologies TDA7053A-D16-T Datasheet HTML 4Page - Unisonic Technologies TDA7053A-D16-T Datasheet HTML 5Page - Unisonic Technologies TDA7053A-D16-T Datasheet HTML 6Page - Unisonic Technologies TDA7053A-D16-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TDA7053A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R107-022,B
TYPICAL CHARACTERISTICS
THD as a Function of Output Power
Quiescent Current as a Function of Voltage
10-2
1
10
0
8
POUT (W)
12
0
8
10
412
20
0
30
VCC (V)
40
4
(2)
(3)
(1)
20
16
(2)
10-1
(1)
VCC=4.5V
(2)
VCC=6V, RL=8Ω
(3)
VCC=12V, RL=25Ω
THD as a Function of Frequency
Output Power as a Function of Supply Voltage
f (kHz)
VCC (V)
10-2
1
2
0
8
10
4
6
10-1
10
102
(1)
(2)
0
8
0.5
412
0
2.0
2.5
1.5
16
1.0
(1)
(2)
(3)
(1)Gv=30dB,POUT=0.1W
(2)Gv=40dB,POUT=0.1W
(1)RL= 8Ω
(2)RL=16Ω
(3)RL=25Ω
0
0.8
-80
Voltage Gain as a Function of
Volume Control Voltage
0.4
1.2
2.0
40
VVC (V)
80
0
1.6
-40
-120
Total Worst Wase Power Dissipation as a
Function of Supply Voltage
VCC (V)
0
8
412
0
3
4
2
16
1
(1)
(2)
(3)
(1)
RL=8Ω
(2)
RL=16Ω
(3)
RL=25Ω


Similar Part No. - TDA7053A-D16-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7053A PHILIPS-TDA7053A Datasheet
117Kb / 16P
   Stereo BTL audio output amplifier with DC volume control
1997 Jul 15
logo
Unisonic Technologies
TDA7053AG-D16-T UTC-TDA7053AG-D16-T Datasheet
268Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053AG-S16-R UTC-TDA7053AG-S16-R Datasheet
268Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053AL-D16-T UTC-TDA7053AL-D16-T Datasheet
268Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7053AT PHILIPS-TDA7053AT Datasheet
117Kb / 16P
   Stereo BTL audio output amplifier with DC volume control
1997 Jul 15
More results

Similar Description - TDA7053A-D16-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7053A PHILIPS-TDA7053A Datasheet
117Kb / 16P
   Stereo BTL audio output amplifier with DC volume control
1997 Jul 15
logo
Unisonic Technologies
TDA7053A UTC-TDA7053A_15 Datasheet
268Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
   2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
TDA7052B PHILIPS-TDA7052B Datasheet
111Kb / 16P
   Mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
   3 W BTL mono audio output amplifier with DC volume control
July 1994
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com