Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8782MP Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SP8782MP
Description  1GHz 16/17, 32/33 Multi-Modulus Divider
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8782MP Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SP8782MP Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8782MP Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8782MP Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8782MP Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8782MP Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8782MP Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8782MP Datasheet HTML 7Page - Zarlink Semiconductor Inc SP8782MP Datasheet HTML 8Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SP8782A & B
DON’T CARE
8 (16)
tr
tr
8 (16)
9 (17)
CLOCK INPUT
MODULUS
CONTROL INPUT
OUTPUT
DON’T CARE
8 (16)
DIVIDE-BY-17 (33) MODE
ESTABLISHED
EXTRA
PULSE
Fig. 3a Setting divide-by-16 (32) mode
DON’T CARE
9 (17)
ts
ts
8 (16)
8 (16)
CLOCK INPUT
MODULUS
CONTROL INPUT
OUTPUT
DON’T CARE
8 (16)
DIVIDE-BY-16 (32) MODE
ESTABLISHED
Figure 3 Timing diagrams
Table 1 Truth table for control inputs
Modulus control
Ratio select input
input
01
0
÷17
÷33
1
÷16
÷32
Figure 3b Setting divide - by - 17 (33 mode)
Figure 3a Setting divide - by - 16 (32 mode)


Similar Part No. - SP8782MP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8782 MITEL-SP8782 Datasheet
129Kb / 8P
   1GHz 첨 16/17, 첨32/33 Multi-Modulus Divider
SP8782A MITEL-SP8782A Datasheet
129Kb / 8P
   1GHz 첨 16/17, 첨32/33 Multi-Modulus Divider
SP8782ADG MITEL-SP8782ADG Datasheet
129Kb / 8P
   1GHz 첨 16/17, 첨32/33 Multi-Modulus Divider
SP8782BMP MITEL-SP8782BMP Datasheet
129Kb / 8P
   1GHz 첨 16/17, 첨32/33 Multi-Modulus Divider
More results

Similar Description - SP8782MP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8782A MITEL-SP8782A Datasheet
129Kb / 8P
   1GHz 첨 16/17, 첨32/33 Multi-Modulus Divider
logo
Zarlink Semiconductor I...
SP8795 ZARLINK-SP8795 Datasheet
269Kb / 6P
   225MHz 32/33 TWO MODULUS DIVIDER
SP8803 ZARLINK-SP8803 Datasheet
520Kb / 5P
   3.3GHZ 첨 32 Fixed Modulus Divider
SP8916 ZARLINK-SP8916 Datasheet
553Kb / 7P
   5GHZ 첨 16 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8714 MITEL-SP8714 Datasheet
107Kb / 9P
   2100MHz Very Low Current Multi-Modulus Divider
SP8715 MITEL-SP8715 Datasheet
312Kb / 10P
   1100MHz Very Low Current Multi-Modulus Divider
SP8714 MITEL-SP8714_96 Datasheet
177Kb / 8P
   2100MHz Very Low Current Multi-Modulus Divider
logo
List of Unclassifed Man...
SP8704 ETC-SP8704 Datasheet
66Kb / 5P
   950MHz VERY LOW CURRENT MULTI-MODULUS DIVIDER
logo
Zarlink Semiconductor I...
SP8715 ZARLINK-SP8715 Datasheet
611Kb / 11P
   1100MHz Very Low Current Multi-Modulus Divider
SP8714 ZARLINK-SP8714 Datasheet
487Kb / 9P
   2100 MHz Very Low Current Multi-Modulus Divider
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com