Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK1288 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # SK1288
Description  2-PHASE DC-FAN MOTOR DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK1288 Datasheet(HTML) 5 Page - Unisonic Technologies

  SK1288 Datasheet HTML 1Page - Unisonic Technologies SK1288 Datasheet HTML 2Page - Unisonic Technologies SK1288 Datasheet HTML 3Page - Unisonic Technologies SK1288 Datasheet HTML 4Page - Unisonic Technologies SK1288 Datasheet HTML 5Page - Unisonic Technologies SK1288 Datasheet HTML 6Page - Unisonic Technologies SK1288 Datasheet HTML 7Page - Unisonic Technologies SK1288 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SK1288
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R109-024,A
TEST CIRCUIT
FG
H -
H+
A1
CT
Vcc
A 2
GND
1. Icc
0V
2V
5V
CT "H" = 2V
CT "L" = 0V
FG
H -
H+
A1
CT
Vcc
A 2
GND
0V
2V
5V
CT = 0V ~2 V
2. CT charge / discharge
CT(V)
CT(I)
02
0
0
2
0
CT(V)
CT(I)
charge
discharge
discharge
charge


Similar Part No. - SK1288

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK1288-S08-R UTC-SK1288-S08-R Datasheet
78Kb / 8P
   2-PHASE DC-FAN MOTOR DRIVER
SK1288-S08-T UTC-SK1288-S08-T Datasheet
78Kb / 8P
   2-PHASE DC-FAN MOTOR DRIVER
SK1288L-S08-R UTC-SK1288L-S08-R Datasheet
78Kb / 8P
   2-PHASE DC-FAN MOTOR DRIVER
SK1288L-S08-T UTC-SK1288L-S08-T Datasheet
78Kb / 8P
   2-PHASE DC-FAN MOTOR DRIVER
SK1288 UTC-SK1288_15 Datasheet
78Kb / 8P
   2-PHASE DC-FAN MOTOR DRIVER
More results

Similar Description - SK1288

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK1288 UTC-SK1288_15 Datasheet
78Kb / 8P
   2-PHASE DC-FAN MOTOR DRIVER
F6406 UTC-F6406_15 Datasheet
202Kb / 5P
   2-PHASE DC-FAN MOTOR DRIVER
F6406 UTC-F6406_17 Datasheet
143Kb / 5P
   2-PHASE DC-FAN MOTOR PRE-DRIVER IC
F6406 UTC-F6406 Datasheet
167Kb / 6P
   2-PHASE DC-FAN MOTOR PRE-DRIVER IC
SK6406 UTC-SK6406 Datasheet
134Kb / 6P
   2-PHASE DC-FAN MOTOR PRE-DRIVER IC
SK6908 UTC-SK6908_15 Datasheet
137Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908 Datasheet
255Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908_07 Datasheet
137Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
logo
ON Semiconductor
LB1868 ONSEMI-LB1868 Datasheet
84Kb / 5P
   2-phase Brushless Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1868M SANYO-LB1868M_09 Datasheet
88Kb / 5P
   2-phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com