Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSP16510AMA Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # PDSP16510AMA
Description  Stand Alone FFT Processor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PDSP16510AMA Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button PDSP16510AMA Datasheet HTML 6Page - Zarlink Semiconductor Inc PDSP16510AMA Datasheet HTML 7Page - Zarlink Semiconductor Inc PDSP16510AMA Datasheet HTML 8Page - Zarlink Semiconductor Inc PDSP16510AMA Datasheet HTML 9Page - Zarlink Semiconductor Inc PDSP16510AMA Datasheet HTML 10Page - Zarlink Semiconductor Inc PDSP16510AMA Datasheet HTML 11Page - Zarlink Semiconductor Inc PDSP16510AMA Datasheet HTML 12Page - Zarlink Semiconductor Inc PDSP16510AMA Datasheet HTML 13Page - Zarlink Semiconductor Inc PDSP16510AMA Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
PDSP16510A
10
data and scale tag outputs will go high impedance after the
delay shown in Table 3.
Valid transformed data is actually available within the
device from DAV going active until INEN again goes active,
and a new set of data is loaded. The output tristate drivers,
however, normally go high impedance when DAV goes in-
active once a dump operation has been completed. In order to
support systems in which it may be necessary to read the
transformed data more than once, a Control Register Bit is
provided which keeps the DAV output active until a further
INEN edge is received. The user must then keep track of how
many outputs have been dumped before INEN is generated to
start a new load operation.
The DAV output can be delayed by an amount equivalent
to the pipeline delay through the PDSP16330. This option is
invoked by setting a control bit, and allows DAV to indicate that
polar data is available at the output of the PDSP16330. When
the option is used the tri-state outputs will be enabled when
data is actually available and DEN is active, and not when DAV
eventually goes active.
Two Control Register Bits allow a range of dump size
options to be supported. In some applications the results of
interest may only lie in the lower 25 or 50% of the frequency
bins,
the sampling rate having been chosen to prevent
aliasing, and the transform size having been selected to give
the required frequency resolution. In other systems it is only
necessary to output the second half of a given sized transform.
This is useful when filtering is to be performed in the frequency
domain using Overlap /Discard Fast Convolutions. With this
method FIR filters with N taps can be implemented in the
frequency domain using 50% overlapped transforms on 2N
samples. After multiplication in the frequency domain with the
required frequency response, the inverse transform is per-
formed and the first half of each output is discarded. Since only
half the results are dumped, the dump clock need not be twice
the rate of the clock used to load data.
FULL CO - PROCESSOR OPERATION
A single device can be configured as a co-processor to a
host system in which both the loading and dumping of data is
under the control of the host. Such a system is shown in Figure
7, in which DEN is a host provided enable for host read
operations, and INEN is an enable for host write operations.
DIS and DOS are host data strobes.
The host loads a block of data into the PDSP16510, using
DIS enabled by INEN, which is then automatically trans-
formed. The DAV output provides a flag indicating that the
transform is complete, and results are then read by the host
using DOS enabled by DEN. A new set of inputs is not
normally loaded until the previous results are complete. If,
however, 1024 point transforms are not to be performed,
loading new data could coincide with dumping previous re-
sults. This, however, would require a host system with sepa-
rate input and output buses, and which also allowed coinci-
dent transfers. As discussed previously, transferring results
must take no longer than loading new data to prevent corrup-
tion of the outputs.
In the system illustrated by Figure 7, the host also controls
the mode of operation of the FFT processor. The DEF signal
is produced from an address decode, and the control parame-
ters are loaded from the host bus by connecting the AUX
inputs to the data outputs.
REAL ONLY TRANSFORMS WITH A SINGLE DEVICE
In the simplest case real transforms can, of course, be
computed by forcing zero levels on the imaginary input pins.
The device can, however, be configured to internally perform
two simultaneous real transforms instead of a single complex
transform. The block floating point logic will then use data from
both blocks when it determines the number of shifts to be
applied. This dual transform technique is used to increase the
maximum permissible sampling rates, but since an additional
data pass is required in order to un-scramble the transformed
data, the actual performance is not quite double that possible
with a complex transform of the same size. The 4 x 64 point
complex mode becomes an 8 x 64 real mode, but the change
from 16 x 16 complex transforms to 32 x 16 real transforms is
not supported.
When a real transform is performed the algorithm pro-
duces complex results for each of the incoming data blocks,
but each result only represents the first half of the frequency
domain data. This does not cause any loss of information
since the two halves are mirror images of each other. As with
complex transforms, it is necessary for a different system
configuration to be used when 1024 point transforms are
required. These are considered later, and the following only
applies to 256 or 64 point transforms.
D
I
R
PDSP16510
AUX
POWER
ON RESET
PARAMETERS
PDSP 16540
BUCKET
BUFFER
GND
WS
RS
DAV
REAL
ONLY
SAMPLE
CLOCK
SYSTEM
CLOCK
MD5
+5V
MD4:0
GND
RES
DIN
O/P
S3:0
PDSP16510
AUX
SYSTEM
CLOCK
HOST
SYSTEM
Fig. 7. Host Controlled System
Fig 8. 1024 Point Real Transforms


Similar Part No. - PDSP16510AMA

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16510AMA MITEL-PDSP16510AMA Datasheet
94Kb / 23P
   Stand Alone FFT Processor
logo
Zarlink Semiconductor I...
PDSP16510AMA ZARLINK-PDSP16510AMA Datasheet
190Kb / 24P
   Stand Alone FFT Processor
logo
Mitel Networks Corporat...
PDSP16510AMAAC1R MITEL-PDSP16510AMAAC1R Datasheet
94Kb / 23P
   Stand Alone FFT Processor
logo
Zarlink Semiconductor I...
PDSP16510AMAAC1R ZARLINK-PDSP16510AMAAC1R Datasheet
190Kb / 24P
   Stand Alone FFT Processor
logo
Mitel Networks Corporat...
PDSP16510AMAGCPR MITEL-PDSP16510AMAGCPR Datasheet
94Kb / 23P
   Stand Alone FFT Processor
More results

Similar Description - PDSP16510AMA

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PDSP16515A ZARLINK-PDSP16515A Datasheet
173Kb / 25P
   Stand Alone FFT Processor
PDSP16510AMA ZARLINK-PDSP16510AMA Datasheet
190Kb / 24P
   Stand Alone FFT Processor
logo
Mitel Networks Corporat...
PDSP16510A MITEL-PDSP16510A Datasheet
271Kb / 25P
   Stand Alone FFT Processor
PDSP16510AMA MITEL-PDSP16510AMA Datasheet
94Kb / 23P
   Stand Alone FFT Processor
PDSP16515A MITEL-PDSP16515A Datasheet
289Kb / 27P
   Stand Alone FFT Processor
logo
Samsung semiconductor
S5D2510 SAMSUNG-S5D2510 Datasheet
267Kb / 32P
   stand-alone OSD Processor
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
   Stand-alone OSD
1995 Nov 27
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
   Stand Alone Inclinometer
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
   STAND-ALONE MICROSEQUENCER
logo
NXP Semiconductors
PCA8516 PHILIPS-PCA8516 Datasheet
403Kb / 64P
   Stand-alone OSD
1995 Mar 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com