Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSP16510AMA Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # PDSP16510AMA
Description  Stand Alone FFT Processor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PDSP16510AMA Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button PDSP16510AMA Datasheet HTML 2Page - Zarlink Semiconductor Inc PDSP16510AMA Datasheet HTML 3Page - Zarlink Semiconductor Inc PDSP16510AMA Datasheet HTML 4Page - Zarlink Semiconductor Inc PDSP16510AMA Datasheet HTML 5Page - Zarlink Semiconductor Inc PDSP16510AMA Datasheet HTML 6Page - Zarlink Semiconductor Inc PDSP16510AMA Datasheet HTML 7Page - Zarlink Semiconductor Inc PDSP16510AMA Datasheet HTML 8Page - Zarlink Semiconductor Inc PDSP16510AMA Datasheet HTML 9Page - Zarlink Semiconductor Inc PDSP16510AMA Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
PDSP16510A
6
noted that the amount of overlap between I/O transfers and
transforms is completely under the control of the system, since
an input enable signal (INEN) and an output enable (DEN) can
be used to initiate transfers.
In the 1024 point mode there is insufficient workspace for
input and output buffering in addition to working memory. The
device is then configured in a mode with separate load,
transform and dump operations. The internal arrangement is
shown in Fig. 5. The support of an external input buffer is
needed if incoming samples are not to be lost whilst a
transform is in progress. This is loaded at the sample clock
rate and transferred to the FFT processor as quickly as
possible. In this mode the PDSP16510 always expects to
receive 1024 words, regardless of the amount of block over-
lapping. Data stored internally cannot be re-used when block
overlapping is required, and data from the external buffer must
be re-read as necessary.
Fig. 6 illustrates a typical 1024 point system with an input
buffer which supports complex input data. The input buffer
can be provided by a PDSP16540 Bucket Buffer without the
need for any external control logic. It supplies RAM for 1024
x 32 complex words, and allows transfers to the FFT Proces-
sor at the full system clock rate. The PDSP16540 also sup-
ports the standard 50% and 75% data block overlapping, but
in addition allows the user to define the amount of overlap to
Table 1. Advanced Timing Information with Continuous Inputs.
Characteristic
Symbol
Min
Max
Units
Data In set up Time
T
SD
10
ns
Data In Hold Time
T
HD
0ns
INEN active going set up
T
SA
8ns
INEN active Hold Time
T
HA
0ns
INEN in-active Hold Time to ensure no load
T
HI
2ns
INEN in-active going set up for no load operation
T
SI
8ns
Delay to LFLG going active ( 30 pf load )
T
FH
10
ns
Delay to LFLG going in-active ( 30 pf load )
T
FL
10
ns
Min time to INEN low in edge mode
T
ED
15
ns
TSD
THD
TSA
THA
1
N/2
N
TSI
THI
VALID
TFH
TFL
1
TFH
50% Overlap
TFL
N
TSA
TED
DIS
DATA IN
INEN
LFLG
INEN
Edge activated
system
Min Time =THA
within 32 words.
If no incoming data is to remain un-processed, the user
must ensure that the time taken to acquire sufficient data to
instigate a new transform is greater than or equal to the
transformation time itself. The latter can be calculated from
Table 4, once the system clock rate has been defined. When
1024 point transforms are performed, both the time to read
data from the input buffer, and also the time to dump data,
must be included in the calculation to determine the minimum
time in which data can be loaded into the external buffer.
The peak transfer rate is limited by the characteristics of
the I/O circuits, but can be greater than the sampling rate
which is determined by the transform time. When load and
dump operations are not concurrent with transform operations
( as in the 1024 point modes ), then the maximum I/O rate is
equal to the system clock rate, Ø. When other transform sizes
are specified, the sampling rate, S, is reduced by a factor F.
This is defined below where Ø is in MHz and L is the system
clock low time in nanoseconds :
S = FØ,
where F =
4 / (6+0.001ØL)
F is typically 0.66 and applies to all transforms except for those
of 1024 points, even if INEN is driven such that concurrent
operations do not actually occur (Note also that S must be
16510A,A0,B0,C0


Similar Part No. - PDSP16510AMA

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16510AMA MITEL-PDSP16510AMA Datasheet
94Kb / 23P
   Stand Alone FFT Processor
logo
Zarlink Semiconductor I...
PDSP16510AMA ZARLINK-PDSP16510AMA Datasheet
190Kb / 24P
   Stand Alone FFT Processor
logo
Mitel Networks Corporat...
PDSP16510AMAAC1R MITEL-PDSP16510AMAAC1R Datasheet
94Kb / 23P
   Stand Alone FFT Processor
logo
Zarlink Semiconductor I...
PDSP16510AMAAC1R ZARLINK-PDSP16510AMAAC1R Datasheet
190Kb / 24P
   Stand Alone FFT Processor
logo
Mitel Networks Corporat...
PDSP16510AMAGCPR MITEL-PDSP16510AMAGCPR Datasheet
94Kb / 23P
   Stand Alone FFT Processor
More results

Similar Description - PDSP16510AMA

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PDSP16515A ZARLINK-PDSP16515A Datasheet
173Kb / 25P
   Stand Alone FFT Processor
PDSP16510AMA ZARLINK-PDSP16510AMA Datasheet
190Kb / 24P
   Stand Alone FFT Processor
logo
Mitel Networks Corporat...
PDSP16510A MITEL-PDSP16510A Datasheet
271Kb / 25P
   Stand Alone FFT Processor
PDSP16510AMA MITEL-PDSP16510AMA Datasheet
94Kb / 23P
   Stand Alone FFT Processor
PDSP16515A MITEL-PDSP16515A Datasheet
289Kb / 27P
   Stand Alone FFT Processor
logo
Samsung semiconductor
S5D2510 SAMSUNG-S5D2510 Datasheet
267Kb / 32P
   stand-alone OSD Processor
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
   Stand-alone OSD
1995 Nov 27
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
   Stand Alone Inclinometer
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
   STAND-ALONE MICROSEQUENCER
logo
NXP Semiconductors
PCA8516 PHILIPS-PCA8516 Datasheet
403Kb / 64P
   Stand-alone OSD
1995 Mar 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com