Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSP16318A Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # PDSP16318A
Description  16 by 16 Bit Complex Multiplier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PDSP16318A Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button PDSP16318A Datasheet HTML 5Page - Zarlink Semiconductor Inc PDSP16318A Datasheet HTML 6Page - Zarlink Semiconductor Inc PDSP16318A Datasheet HTML 7Page - Zarlink Semiconductor Inc PDSP16318A Datasheet HTML 8Page - Zarlink Semiconductor Inc PDSP16318A Datasheet HTML 9Page - Zarlink Semiconductor Inc PDSP16318A Datasheet HTML 10Page - Zarlink Semiconductor Inc PDSP16318A Datasheet HTML 11Page - Zarlink Semiconductor Inc PDSP16318A Datasheet HTML 12Page - Zarlink Semiconductor Inc PDSP16318A Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
PDSP16116/A/MC
9
ii) WTB1:0 = 00 No shift applied giving a shifter output format:
The effective weighting of the shift bit is -21.
iii) WTB1:0 = 01 Shift complex product one place to the right
giving a shifter output format:
The effective weighting of the sign bit is -22.
iv) WTB1:0 = 10 Shift complex product two places to the right
giving a shifter output format:
The effective weighting of the sign bit is -23.
Overflow
If the left shift option is selected and the Adder/Subtractor
contain a 32 bit word, then an invalid result will be passed to
the output. An invalid output arising from this combination of
events will be flagged by the SFTA0 flag output. The SFTA0
Flag will go high if either the real or imaginary reslut is invalid.
Output Select
The output from the Shifters is passed to the Output Select
Mux, which is controlled via the OSEL inputs. These inputs
are not registered and hence allow the output combination to
be changed within each cycle. The full complex 64 bit result
from the multiplier may therefore be output within a single
cycle.
The OSEL control selects four different output
combinations as as summarised in Table 4.
PR
MSR
LSR
MSR
MSI
PI
MSI
LSI
LSR
LSI
OSEL0
0
1
0
1
OSEL1
0
0
1
1
Table 3 - Output Selection
(Where MSR and LSR are the most and least siginificant 16 bit
words of the Real Shifter output, MSI and LSI are the most and
least significant 16 bit words of the imaginary Shifter output).
The output select options allow two different modes for
extracting the full 32 bit result from the PDSP16116. The first
mode treats the two 16 bit outputs as real and imaginary ports
allowing the real and imaginary results to be output in two
halves on the real and imaginary output ports. The second
mode treats the two 16 bit outputs as one 32 bit output and
allows the real and imaginary results to be output as 32 bit
words.
PIN DESCRIPTIONS
XR, XI, YR, YI
Data inputs 16 bits: Data is loaded into the input registers
from these ports on the rising edge of CLK. The data format
is Twos Complement Fractional, where the MSB (sign bit) is
bit 15. In normal mode the weighting of the MSB is -20 ie -1.
PR, PI
Data outputs 16 bits: Data is clocked into the output
registers and passed to the PR and PI outputs on the rising
edge of CLK.
The data format is Twos Complement
Fractional. The field of the internal result selected for output
via PR and PI is controlled by signals OSEL1:0 (see Table 4).
CLK
Common Clock to all internal register.
CEX, CEY
Clock enables for X and Y input ports: When low these
inputs enable the CLK signal to the X or Y input registers
allowing new data to be clocked into the Multiplier.
CONX, CONY
If either of these inputs are high on the rising edge of CLK,
then the data in the associated input has its imaginary
component inverted (multiplied by -1), see Table 3. CONX
and CONY affect data input on the same clock rising edge.
ROUND
The ROUND control is used to round the most siginficant
16 bits of the Adder/Subtractor result prior to being passed to
the output register. The rounding operation takes place one
cycle after the ROUND input is taken high. The ROUND input
is not latched and is intended to be tied high or low depending
upon the application.
MBFP
Mode select: When high, Block Floating Point (BFP) mode
is selected. This allows the device to maintain the dynamic
range of the data using a series of word tags. This is especially
useful in FFT appllications. When low, the chip operates in
normal mode for more general applications.
This pin is
intended to be tied high or low, depending on application.
Bit Number
30
Weighting
29 28 27 26
6543210
S
2
29
2
28
2
27
2
26
2
25
2
24
2
4
2
3
2
2
2
0
31
2
1
2
23
2
1
25
2
5
24
Bit Number
30
Weighting
29 28 27 26
76543210
S
2
30
2
29
2
28
2
27
2
26
2
25
2
24
2
4
2
3
2
2
2
0
31
2
1
8
2
22 223
Bit Number
30
Weighting
29 28 27 26
6543210
S
2
28
2
27
2
26
2
25
2
24
2
4
2
3
2
2
2
0
31
2
1
2
23
2
1
25 24
2
2
2
22


Similar Part No. - PDSP16318A

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16318A MITEL-PDSP16318A Datasheet
88Kb / 8P
   PDSP16256GC1R
logo
Zarlink Semiconductor I...
PDSP16318A ZARLINK-PDSP16318A Datasheet
91Kb / 7P
   Complex Accumulator
logo
Mitel Networks Corporat...
PDSP16318A MITEL-PDSP16318A Datasheet
137Kb / 8P
   Complex Accumulator
More results

Similar Description - PDSP16318A

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com