Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSP1601 Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # PDSP1601
Description  ALU and Barrel Shifter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PDSP1601 Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button PDSP1601_98 Datasheet HTML 7Page - Zarlink Semiconductor Inc PDSP1601_98 Datasheet HTML 8Page - Zarlink Semiconductor Inc PDSP1601_98 Datasheet HTML 9Page - Zarlink Semiconductor Inc PDSP1601_98 Datasheet HTML 10Page - Zarlink Semiconductor Inc PDSP1601_98 Datasheet HTML 11Page - Zarlink Semiconductor Inc PDSP1601_98 Datasheet HTML 12Page - Zarlink Semiconductor Inc PDSP1601_98 Datasheet HTML 13Page - Zarlink Semiconductor Inc PDSP1601_98 Datasheet HTML 14Page - Zarlink Semiconductor Inc PDSP1601_98 Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PDSP1601/PDSP1601A
11
ALU Control Instructions
Function
The BFP flag is programmed to activate when an ALU operation causes an overflow of the
16 bit number range. This flag is logically the exclusive-or of the carry into and out of the
MSB of the ALU. For the most significant Byte this flag indicates that the result of an
arithmetic two's complement operation has overflowed into the sign bit. The output of the
ALU is forced to zero for the duration of this instruction.
The BFP flag is programmed to activate when an ALU operation comes within a factor of
two of causing an overflow of the 16 bit number range. For the most significant Byte this
flag indicates that the result of an arithmetic two's complement operation is within a factor
of two of overflowing into the sign bit. The output of the ALU is forced to zero for the duration
of this instruction.
The BFP flag is programmed to activate when an ALU operation comes within a factor of
four of causing an overflow of the 16 bit number range. For the most significant Byte this
flag indicates that the result of an arithmetic two's complement operation is within a factor
of four of overflowing into the sign bit. The output of the ALU is forced to zero for the duration
of this instruction.
The BFP flag is programmed to activate when an ALU operation causes a result of zero.
The output of the ALU is forced to zero for the duration of this instruction. During the
execution of this instruction the BFP flag will become active.
The ALU will output the binary value 0000000000000001, the MSB on the left.
The ALU will output the binary value 0000000011111111, the MSB on the left.
The ALU will output the binary value 0000000000001111, the MSB on the left.
The ALU will output the binary value 0101010101010101, the MSB on the left.
Op Code
<18>
<19>
<1A>
<1B>
<1C>
<1D>
<1E>
<1F>
Mnemonic
SBFOV
SBFU1
SBFU2
SBFZE
OPONE
OPBYT
OPNIB
OPALT
Barrel Shifter Instructions
Function
The 16 bit input to the Barrel Shifter is right shifted by the number of places indicated by
the magnitude of the four bit number present in the SV register. The LSBs are dicarded,
and the vacant MSBs are filled with zeros.
The 16 bit input to the Barrel Shifter is left shifted by the number of places indicated by the
magnitude of the four bit number present in the SV register. The LSBs are dicarded, and
the vacant MSBs are filled with zeros.
The 16 bit input to the Barrel Shifter is rotated to the right by the number of places indicated
by the magnitude of the four bit number present in the SV register. The LSBs that exit the
16 bit field to the right, reappear in the vacant MSBs on the left.
The 16 bit input to the Barrel Shifter is rotated to the left by the number of places indicated
by the magnitude of the four bit number present in the SV register. The LSBs that exit the
16 bit field to the right, reappear in the vacant MSBs on the right.
The 16 bit input to the Barrel Shifter is right shifted by the number of places indicated by
the magnitude of the four bit number resident within the R1 register. The LSBs are
discarded, and the vacant MSBs are filled with zeros.
The 16 bit input to the Barrel Shifter is left shifted by the number of places indicated by the
magnitude of the four bit number resident within the R1 register. The LSBs are discarded,
and the vacant LSBs are filled with zeros.
The 16 bit input to the Barrel Shifter is right shifted by the number of places indicated by
the magnitude of the four bit number resident within the R2 register. The LSBs are
discarded, and the vacant MSBs are filled with zeros.
The 16 bit input to the Barrel Shifter is left shifted by the number of places indicated by the
magnitude of the four bit number resident within the R2 register. The LSBs are discarded,
and the vacant LSBs are filled with zeros.
Op Code
<0>
<1>
<2>
<3>
<4>
<5>
<6>
<7>
Mnemonic
LSRSV
LSLSV
BSRSV
BSLSV
LSRR1
LSLR1
LSRR2
LSLR2


Similar Part No. - PDSP1601_98

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP1601 MITEL-PDSP1601_96 Datasheet
171Kb / 18P
   ALU and Barrel Shifter
More results

Similar Description - PDSP1601_98

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP1601MC MITEL-PDSP1601MC Datasheet
142Kb / 18P
   ALU and Barrel Shifter
PDSP1601 MITEL-PDSP1601 Datasheet
137Kb / 17P
   ALU and Barrel Shifter
logo
Zarlink Semiconductor I...
PDSP1601MC ZARLINK-PDSP1601MC Datasheet
111Kb / 16P
   ALU and Barrel Shifter
logo
Mitel Networks Corporat...
PDSP1601 MITEL-PDSP1601_96 Datasheet
171Kb / 18P
   ALU and Barrel Shifter
logo
LOGIC Devices Incorpora...
LSH32 LODEV-LSH32 Datasheet
202Kb / 9P
   32-bit Cascadable Barrel Shifter
LSH33 LODEV-LSH33 Datasheet
218Kb / 8P
   32-bit Barrel Shifter with Registers
logo
HAMLIN Position and Mov...
59065-1-S-01-A HAMLIN-59065-1-S-01-A Datasheet
90Kb / 1P
   Threaded Barrel Features and Benefits
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036_V01 Datasheet
1Mb / 17P
   Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
logo
NXP Semiconductors
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
   DVI and HDMI level shifter
Rev. 01-8 July 2008
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036 Datasheet
309Kb / 18P
   Automotive Contact Monitor and Level Shifter
Rev 0; 4/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com