Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NWK914B Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # NWK914B
Description  PHY/PMD High Speed Copper Media Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

NWK914B Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  NWK914B Datasheet HTML 1Page - Zarlink Semiconductor Inc NWK914B Datasheet HTML 2Page - Zarlink Semiconductor Inc NWK914B Datasheet HTML 3Page - Zarlink Semiconductor Inc NWK914B Datasheet HTML 4Page - Zarlink Semiconductor Inc NWK914B Datasheet HTML 5Page - Zarlink Semiconductor Inc NWK914B Datasheet HTML 6Page - Zarlink Semiconductor Inc NWK914B Datasheet HTML 7Page - Zarlink Semiconductor Inc NWK914B Datasheet HTML 8Page - Zarlink Semiconductor Inc NWK914B Datasheet HTML 9Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
NWK914D
Fig.4 Transmit timing waveform
Fig.5 Receive timing waveform
AC CHARACTERISTICS
Recommended operating conditions apply except where stated.
Characteristic
Units
Conditions
AC characteristics
100Mb/s TX driver outputs rise/fall times
-
2.5
-
ns
100
Ω differential load
pins TXOP, TXON
measured at RJ45
REFCLK frequency
1
-
25
-
MHz
REFCLK tolerance
2
-
100
-
ppm
REFCLK M/S ratio
3
40:60
-
60:40
%
REFCLK to TXC
4
5
-
13
ns
Tx PLL in lock
propagation delay
TDAT0
→ 4 to TXC setup time
5
12
-
-
ns
TDAT0
→ 4 to TXC hold time
6
0
-
-
ns
RDAT0
→ 4 valid to RXC +Ve edge
7
10
-
-
ns
RXC to RDAT0
→ 4 invalid
8
10
-
-
ns
RXC M/S ratio
9
45:55
-
55:45
%
REFCLK to SDT transition
5
-
15
ns
NOTE: Conditions for AC Characteristics:
All AC measurementsare made at aVth + 1.5V and with TTL output loaded with 25pf
Waveform
Value
Timing
Min.
Typ.
Max.
VALID
DATA
VALID
DATA
bit 4
bit 3
bit 2
bit 1
bit 0
bit 4
REFCLK
TXC
TDAT
0
→ 4
TXO
4
2
3
1
5
6
VALID
DATA
RXC
RDAT
0
→ 4
9
5
8


Similar Part No. - NWK914B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
NWK914CG MITEL-NWK914CG Datasheet
122Kb / 9P
   PHY/PMD High Speed Copper Media Transceiver
NWK914D MITEL-NWK914D Datasheet
122Kb / 9P
   PHY/PMD High Speed Copper Media Transceiver
NWK914GP1N MITEL-NWK914GP1N Datasheet
122Kb / 9P
   PHY/PMD High Speed Copper Media Transceiver
More results

Similar Description - NWK914B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
NWK914D MITEL-NWK914D Datasheet
122Kb / 9P
   PHY/PMD High Speed Copper Media Transceiver
logo
Integrated Device Techn...
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
logo
Broadcom Corporation.
BCM5464SR BOARDCOM-BCM5464SR Datasheet
153Kb / 2P
   QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
BCM5464SA1IRBG BOARDCOM-BCM5464SA1IRBG Datasheet
113Kb / 2P
   QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
BCM5464SA1KRBG BOARDCOM-BCM5464SA1KRBG Datasheet
113Kb / 2P
   QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
BCM5466SR BOARDCOM-BCM5466SR Datasheet
96Kb / 2P
   QUAD-PORT GIGABIT ETHERNET COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
logo
Intel Corporation
LXT971A INTEL-LXT971A Datasheet
650Kb / 90P
   3.3V Dual-Speed Fast Ethernet PHY Transceiver
logo
Broadcom Corporation.
BCM5466SRA0KFBG BOARDCOM-BCM5466SRA0KFBG Datasheet
151Kb / 2P
   QUAD-PORT GIGABIT ETHERNET COPPER TRANSCEIVER WITH COPPER/ FIBER MEDIA INTERFACE
logo
Micro Linear Corporatio...
ML6673 MICRO-LINEAR-ML6673 Datasheet
183Kb / 8P
   Fast Ethernet/FDDI TP-PMD Transceiver
ML6691 MICRO-LINEAR-ML6691 Datasheet
143Kb / 10P
   100BASE-T MII-to-PMD Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com