Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS8099 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MPS8099
Description  Amplifier Transistors Voltage and Current are Negative for PNP Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS8099 Datasheet(HTML) 4 Page - ON Semiconductor

  MPS8099 Datasheet HTML 1Page - ON Semiconductor MPS8099 Datasheet HTML 2Page - ON Semiconductor MPS8099 Datasheet HTML 3Page - ON Semiconductor MPS8099 Datasheet HTML 4Page - ON Semiconductor MPS8099 Datasheet HTML 5Page - ON Semiconductor MPS8099 Datasheet HTML 6Page - ON Semiconductor MPS8099 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
(NPN) MPS8098, MPS8099*, (PNP) MPS8598, MPS8599*
http://onsemi.com
4
Figure 7. MPS8098/99 Switching Times
Figure 8. MPS8598/99 Switching Times
NPN
PNP
20
10
IC, COLLECTOR CURRENT (mA)
200
100
50
20
10
IC, COLLECTOR CURRENT (mA)
−10
500
200
100
50
20
10
−100
100
50
200
1.0 k
500
VCC = 40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
tr
−50
−200
1.0 k
30
70
300
700
30
70
td @ VBE(off) = 0.5 V
300
700
70
30
−70
−20
−30
VCC = −40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
tr
td @ VBE(off) = −0.5 V
Figure 9. MPS8098/99 Active−Region Safe
Operating Area
Figure 10. MPS8598/99 Active−Region Safe
Operating Area
Figure 11. MPS8098/99 DC Current Gain
Figure 12. MPS8598/99 DC Current Gain
2.0
0.2
IC, COLLECTOR CURRENT (mA)
400
200
100
80
60
40
10
TJ = 125°C
10
1.0
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
500
200
100
50
20
10
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
−10
−50
−1.0
−500
−200
−100
−50
−20
−10
−20
30
−2.0
−5.0
−1.0 k
2.0
5.0
50
1.0 k
MPS8098
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
MPS8099
100
70
20
3.0
7.0
1.0
3.0 5.0
VCE = 5.0 V
20
100
30
50
200
25°C
−55°C
IC, COLLECTOR CURRENT (mA)
700
300
30
70
MPS8598
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
MPS8599
−3.0
−7.0
−30
−100
−70
−30
−70
−300
−700
0.3 0.5
−2.0
−0.2
300
200
100
70
50
30
−10
TJ = 125°C
−1.0
−5.0
VCE = −5.0 V
−20
−100
−50
−200
25°C
−55°C
−0.5
DUTY CYCLE ≤ 10%
DUTY CYCLE ≤ 10%


Similar Part No. - MPS8099

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS8099 MOTOROLA-MPS8099 Datasheet
248Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
MPS8099 ONSEMI-MPS8099 Datasheet
112Kb / 8P
   Amplifier Transistors
September, 2001 ??Rev. 2
logo
Samsung semiconductor
MPS8099 SAMSUNG-MPS8099 Datasheet
32Kb / 1P
   NPN (AMPLIFIER TRANSISTOR)
logo
ON Semiconductor
MPS8099 ONSEMI-MPS8099 Datasheet
89Kb / 7P
   Amplifier Transistors
April, 2007 ??Rev. 0
MPS8099 ONSEMI-MPS8099 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results

Similar Description - MPS8099

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSA05 ONSEMI-MPSA05_06 Datasheet
81Kb / 7P
   Amplifier Transistors Voltage and Current are Negative for PNP Transistors
January, 2006 ??Rev. 2
BCX17LT1 ONSEMI-BCX17LT1 Datasheet
64Kb / 4P
   General Purpose Transistors (Voltage and Current are Negative for PNP Transistors)
December, 2004 ??Rev. 3
2SA1020 ONSEMI-2SA1020 Datasheet
52Kb / 4P
   One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS
May, 2006 ??Rev. 3
BC368 ONSEMI-BC368_05 Datasheet
56Kb / 4P
   Voltage and Current are Negative
September, 2005 ??Rev. 5
logo
Motorola, Inc
BC307 MOTOROLA-BC307 Datasheet
110Kb / 4P
   Amplifier Transistors(PNP)
LA733P MOTOROLA-LA733P Datasheet
126Kb / 4P
   Amplifier Transistors (PNP)
BC327 MOTOROLA-BC327 Datasheet
160Kb / 4P
   Amplifier Transistors(PNP)
logo
New Jersey Semi-Conduct...
2N3244 NJSEMI-2N3244 Datasheet
181Kb / 2P
   PNP SILICON, TRANSISTORS FOR MEDIUM-CURRENT
logo
Motorola, Inc
BC251 MOTOROLA-BC251 Datasheet
161Kb / 5P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com