Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS3563 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MPS3563
Description  Amplifier Transistors NPN Silicon
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS3563 Datasheet(HTML) 1 Page - ON Semiconductor

  MPS3563 Datasheet HTML 1Page - ON Semiconductor MPS3563 Datasheet HTML 2Page - ON Semiconductor MPS3563 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 3
1
Publication Order Number:
MPS918/D
MPS918, MPS3563
MPS918 is a Preferred Device
Amplifier Transistors
NPN Silicon
Features
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector −Emitter Voltage
MPS918
MPS3563
VCEO
15
12
Vdc
Collector −Base Voltage
MPS918
MPS3563
VCBO
30
30
Vdc
Emitter −Base Voltage
MPS918
MPS3563
VEBO
3.0
2.0
Vdc
Collector Current − Continuous
IC
50
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
0.85
6.8
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
(Note 1)
RqJA
357
°C/W
Thermal Resistance, Junction−to−Case
RqJC
147
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. RqJA is measured with the device soldered into a typical printed circuit board.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MPS3563RLRA
TO−92
2000/Tape & Reel
MPS3563RLRAG
TO−92
(Pb−Free)
2000/Tape & Reel
MPS3563
TO−92
5000 Units/Box
MPS3563G
TO−92
(Pb−Free)
5000 Units/Box
Preferred devices are recommended choices for future use
and best overall value.
http://onsemi.com
COLLECTOR
3
2
BASE
1
EMITTER
Device
Package
Shipping
ORDERING INFORMATION
MPS918
TO−92
5000 Units/Box
MPS918G
TO−92
(Pb−Free)
5000 Units/Box
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MPSxxxx = Device Code
xxxx = 918 or 3563
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
TO−92
CASE 29−11
STYLE 1
1
2
3
MARKING
DIAGRAM
MPS
xxxx
AYWW
G
G


Similar Part No. - MPS3563

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS3563 MOTOROLA-MPS3563 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
MPS3563 ONSEMI-MPS3563 Datasheet
62Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996
logo
New Jersey Semi-Conduct...
MPS3563 NJSEMI-MPS3563 Datasheet
99Kb / 2P
   Amplifier TVansistors
logo
List of Unclassifed Man...
MPS3563C ETC1-MPS3563C Datasheet
52Kb / 1P
   NPN TRANSISTOR
More results

Similar Description - MPS3563

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS918 ONSEMI-MPS918 Datasheet
62Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996
2N5088 ONSEMI-2N5088_07 Datasheet
83Kb / 5P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 4
BC237 ONSEMI-BC237_06 Datasheet
54Kb / 4P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
2N5550 ONSEMI-2N5550_07 Datasheet
88Kb / 6P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 5
logo
New Jersey Semi-Conduct...
MPSU06F NJSEMI-MPSU06F Datasheet
83Kb / 1P
   NPN Silicon Amplifier Transistors
logo
Leshan Radio Company
MMBT6428LT1 LRC-MMBT6428LT1 Datasheet
209Kb / 4P
   Amplifier Transistors(NPN Silicon)
logo
ON Semiconductor
MBT6429DW1T1 ONSEMI-MBT6429DW1T1_05 Datasheet
79Kb / 5P
   Amplifier Transistors NPN Silicon
December, 2005 ??Rev. 2
BC237 ONSEMI-BC237 Datasheet
83Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Motorola, Inc
BD525 MOTOROLA-BD525 Datasheet
82Kb / 2P
   NPN SILICON AMPLIFIER TRANSISTORS
logo
ON Semiconductor
2N5209 ONSEMI-2N5209 Datasheet
277Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com