Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD204 Datasheet(PDF) 2 Page - Analog Devices

Part # AD204
Description  Low Cost, Miniature Isolation Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD204 Datasheet(HTML) 2 Page - Analog Devices

  AD204 Datasheet HTML 1Page - Analog Devices AD204 Datasheet HTML 2Page - Analog Devices AD204 Datasheet HTML 3Page - Analog Devices AD204 Datasheet HTML 4Page - Analog Devices AD204 Datasheet HTML 5Page - Analog Devices AD204 Datasheet HTML 6Page - Analog Devices AD204 Datasheet HTML 7Page - Analog Devices AD204 Datasheet HTML 8Page - Analog Devices AD204 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. D
–2–
AD202/AD204–SPECIFICATIONS
Model
AD204J
AD204K
AD202J
AD202K
GAIN
Range
1 V/V–100 V/V
**
*
Error
±0.5% typ (±4% max)
**
*
vs. Temperature
±20 ppm/∞C typ (±45 ppm/∞C max) **
*
vs. Time
±50 ppm/1000 Hours
**
*
vs. Supply Voltage
±0.01%/V
±0.01%/V
±0.01%/V
±0.01%/V
Nonlinearity (G = 1 V/V)
1
±0.05% max
±0.025% max
±0.05% max
±0.025% max
Nonlinearity vs. Isolated Supply Load
±0.0015%/mA
**
*
INPUT VOLTAGE RATINGS
Input Voltage Range
±5 V
**
*
Max lsolation Voltage (Input to Output)
AC, 60 Hz, Continuous
750 V rms
1500 V rms
750 V rms
1500 V rms
Continuous (AC and DC)
±1000 V Peak
±2000 V Peak
±1000 V Peak
±2000 V Peak
Isolation-Mode Rejection Ratio (IMRR) @ 60 Hz
RS
£ 100 W (HI and LO Inputs) G = 1 V/V
110 dB
110 dB
105 dB
105 dB
G = 100 V/V
130 dB
**
*
RS
£ l kW (Input HI, LO, or Both) G = 1 V/V
104 dB min
104 dB min
100 dB min
100 dB min
G = 100 V/V
110 dB min
**
*
Leakage Current Input to Output @ 240 V rms, 60 Hz
2
mA rms max
**
*
INPUT IMPEDANCE
Differential (G = 1 V/V)
10
12
W
**
*
Common-Mode
2 G
W 4.5 pF
**
*
INPUT BIAS CURRENT
Initial, @ 25
∞C
±30 pA
**
*
vs. Temperature (0
∞C to 70∞C)
±10 nA
**
*
INPUT DIFFERENCE CURRENT
Initial, @ 25
∞C
±5 pA
**
*
vs. Temperature (0
∞C to 70∞C)
±2 nA
**
*
INPUT NOISE
Voltage, 0.1 Hz to 100 Hz
4
mV p-p
**
*
f > 200 Hz
50 nV/
÷Hz
**
*
FREQUENCY RESPONSE
Bandwidth (VO
£ 10 V p-p, G = 1 V–50 V/V)
5 kHz
5 kHz
2 kHz
2 kHz
Settling Time, to
±10 mV (10 V Step)
1 ms
**
*
OFFSET VOLTAGE (RTI)
Initial, @ 25
∞C Adjustable to Zero
(
±15 ±15/G)mV max
(
±5 ± 5/G) mV max
(
±15 ±15/G) mV max (±5 ±5/G) mV max
vs. Temperature (0
∞C to 70∞C)
±±
Ê
ËÁ
ˆ
¯˜
10
10
G
VC
m
**
*
RATED OUTPUT
Voltage (Out HI to Out LO)
±5 V
**
*
Voltage at Out HI or Out LO (Ref. Pin 32)
±6.5 V
**
*
Output Resistance
3 k
W
3 k
W
7 k
W
7 k
W
Output Ripple, 100 kHz Bandwidth
10 mV p-p
**
*
5 kHz Bandwidth
0.5 mV rms
**
*
ISOLATED POWER OUTPUT
2
Voltage, No Load
±7.5 V
**
*
Accuracy
±10%
**
*
Current
2 mA (Either Output)
3
2 mA (Either Output)
3
400
mA Total
400
mA Total
Regulation, No Load to Full Load
5%
**
*
Ripple
100 mV p-p
**
*
OSCILLATOR DRIVE INPUT
Input Voltage
15 V p-p Nominal
15 V p-p Nominal
N/A
N/A
Input Frequency
25 kHz Nominal
25 kHz Nominal
N/A
N/A
POWER SUPPLY (AD202 Only)
Voltage, Rated Performance
N/A
N/A
15 V
± 5%
15 V
± 5%
Voltage, Operating
N/A
N/A
15 V
± 10%
15 V
± 10%
Current, No Load (VS = 15 V)
N/A
N/A
5 mA
5 mA
TEMPERATURE RANGE
Rated Performance
0
∞C to 70∞C
**
*
Operating
–40
∞C to +85∞C
**
*
Storage
–40
∞C to +85∞C
**
*
PACKAGE DIMENSIONS
4
SIP Package (Y)
2.08"
¥ 0.250" ¥ 0.625"
**
*
DlP Package (N)
2.10"
¥ 0.700" ¥ 0.350"
**
*
(Typical @ 25 C and VS = 15 V unless otherwise noted.)
NOTES
*Specifications same as AD204J.
1Nonlinearity is specified as a % deviation from a best straight line.
21.0
mF min decoupling required (see text).
33 mA with one supply loaded.
4Width is 0.25" typ, 0.26" max.
Specifications subject to change without notice.


Similar Part No. - AD204

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD204 AD-AD204 Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
AD204 AD-AD204 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
logo
List of Unclassifed Man...
AD204-00 ETC2-AD204-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD204J AD-AD204J Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
AD204J AD-AD204J Datasheet
8Mb / 16P
   High Precision, Low Offset, mV Input Isolation Amplifier
More results

Similar Description - AD204

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD202 AD-AD202 Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
AD202 AD-AD202_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
AD204 AD-AD204_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B AVAGO-ACPL-C79B Datasheet
309Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
logo
MicroPower Direct, LLC
A200EHI MPD-A200EHI Datasheet
190Kb / 2P
   Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com