Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL32088CNSR Datasheet(PDF) 5 Page - Texas Instruments

Part # TL32088CNSR
Description  DIFFERENTIAL ANALOG BUFFER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL32088CNSR Datasheet(HTML) 5 Page - Texas Instruments

  TL32088CNSR Datasheet HTML 1Page - Texas Instruments TL32088CNSR Datasheet HTML 2Page - Texas Instruments TL32088CNSR Datasheet HTML 3Page - Texas Instruments TL32088CNSR Datasheet HTML 4Page - Texas Instruments TL32088CNSR Datasheet HTML 5Page - Texas Instruments TL32088CNSR Datasheet HTML 6Page - Texas Instruments TL32088CNSR Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TL32088
DIFFERENTIAL ANALOG BUFFER AMPLIFIER
FOR THE TLC320AD58
SLAS123B – MARCH 1995 – REVISED NOVEMBER 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL DATA
NS (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040062 / B 10/94
14 PIN SHOWN
2,00 MAX
A
0,05 MIN
Seating Plane
1,05
0,55
1
14
PINS **
5,60
5,00
7
8,20
7,40
8
A MIN
A MAX
DIM
Gage Plane
0,15 NOM
0,25
9,90
9,90
10,50
14
10,50
16
12,30
14,70
15,30
12,90
20
24
0,10
1,27
0
°–10°
M
0,25
0,35
0,51
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15.


Similar Part No. - TL32088CNSR

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL3200 E-SWITCH-TL3200 Datasheet
2Mb / 1P
   TACT SWITCHES SMT, LED - 4.5mm x 6.8mm
TL3200AF160BBQ E-SWITCH-TL3200AF160BBQ Datasheet
2Mb / 1P
   TACT SWITCHES SMT, LED - 4.5mm x 6.8mm
TL3200AF160BGQ E-SWITCH-TL3200AF160BGQ Datasheet
2Mb / 1P
   TACT SWITCHES SMT, LED - 4.5mm x 6.8mm
TL3200AF160BRQ E-SWITCH-TL3200AF160BRQ Datasheet
2Mb / 1P
   TACT SWITCHES SMT, LED - 4.5mm x 6.8mm
TL3200AF160BYQ E-SWITCH-TL3200AF160BYQ Datasheet
2Mb / 1P
   TACT SWITCHES SMT, LED - 4.5mm x 6.8mm
More results

Similar Description - TL32088CNSR

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D86-60-D FREQUENCYDEVICES-D86-60-D Datasheet
193Kb / 2P
   Differential Input Buffer Amplifier
logo
Contec Co., Ltd
ATBA-16L CONTEC-ATBA-16L Datasheet
225Kb / 2P
   Buffer Amplifier Box for Analog Input Boards
logo
SpectraLinear Inc
CY28351 SPECTRALINEAR-CY28351 Datasheet
145Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY28353-2 SILABS-CY28353-2 Datasheet
111Kb / 9P
   Differential Clock Buffer/Driver
logo
Contec Co., Ltd
ATBA-16E CONTEC-ATBA-16E Datasheet
274Kb / 2P
   Buffer Amplifier Function Extension Box for analog input board
ATBA-32F CONTEC-ATBA-32F Datasheet
330Kb / 2P
   Buffer Amplifier Function Extension Box for analog input board
logo
Cypress Semiconductor
CY2SSTV855 CYPRESS-CY2SSTV855 Datasheet
162Kb / 7P
   Differential Clock Buffer/Driver
CY2SSTV8575 CYPRESS-CY2SSTV8575 Datasheet
122Kb / 8P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY2SSTV8575 SPECTRALINEAR-CY2SSTV8575 Datasheet
134Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY2SSTV855 SILABS-CY2SSTV855 Datasheet
78Kb / 6P
   Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com