Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFDU6102-TR3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # TFDU6102-TR3
Description  Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU6102-TR3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button TFDU6102-TR3 Datasheet HTML 6Page - Vishay Siliconix TFDU6102-TR3 Datasheet HTML 7Page - Vishay Siliconix TFDU6102-TR3 Datasheet HTML 8Page - Vishay Siliconix TFDU6102-TR3 Datasheet HTML 9Page - Vishay Siliconix TFDU6102-TR3 Datasheet HTML 10Page - Vishay Siliconix TFDU6102-TR3 Datasheet HTML 11Page - Vishay Siliconix TFDU6102-TR3 Datasheet HTML 12Page - Vishay Siliconix TFDU6102-TR3 Datasheet HTML 13Page - Vishay Siliconix TFDU6102-TR3 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.vishay.com
10
Document Number 82550
Rev. 1.6, 05-Dec-05
TFDU6102
Vishay Semiconductors
I/O and Software
In the description, already different I/Os are men-
tioned. Different combinations are tested and the
function verified with the special drivers available
from the I/O suppliers. In special cases refer to the I/
O manual, the Vishay application notes, or contact
directly Vishay Sales, Marketing or Application.
Mode Switching
The TFDU6102 is in the SIR mode after power on as
a default mode, therefore the FIR data transfer rate
has to be set by a programming sequence using the
TXD and SD inputs as described below or selected by
setting the Mode Pin. The Mode Pin can be used to
statically set the mode (Mode Pin: LOW: SIR, HIGH:
0.576 Mbit/s to 4.0 Mbit/s). If not used or in standby
mode, the mode input should float or should not be
loaded with more than 50 pF. The low frequency
mode covers speeds up to 115.2 kbit/s. Signals with
higher data rates should be detected in the high fre-
quency mode. Lower frequency data can also be
received in the high frequency mode but with reduced
sensitivity.
To switch the transceivers from low frequency mode
to the high frequency mode and vice versa, the pro-
gramming sequences described below are required.
Setting to the High Bandwidth Mode
(0.576 Mbit/s to 4.0 Mbit/s)
1. Set SD input to logic "HIGH".
2. Set TXD input to logic "HIGH". Wait ts ≥ 200 ns.
3. Set SD to logic "LOW" (this negative edge latches
state of TXD, which determines speed setting).
4. After waiting th ≥ 200 ns TXD can be set to logic
"LOW". The hold time of TXD is limited by the maxi-
mum allowed pulse length.
After that TXD is enabled as normal TXD input and
the transceiver is set for the high bandwidth (576 kbit/
s to 4 Mbit/s) mode.
Setting to the Lower Bandwidth Mode
(2.4 kbit/s to 115.2 kbit/s)
1. Set SD input to logic "HIGH".
2. Set TXD input to logic "LOW". Wait ts ≥ 200 ns.
3. Set SD to logic "LOW" (this negative edge latches
state of TXD, which determines speed setting).
4. TXD must be held for th ≥ 200 ns.
After that TXD is enabled as normal TXD input and
the transceiver is set for the lower bandwidth (9.6 kbit/
s to 115.2 kbit/s) mode.
Table 2.
Truth table
Figure 2. Mode Switching Timing Diagram
TXD
SD
ts
th
50 %
High : FIR
Low : SIR
50 %
50 %
14873
Inputs
Outputs
SD
TXD
Optical input Irradiance mW/m2
RXD
Transmitter
high
x
x
weakly pulled
(500 k
Ω) to V
CC1
0
low
high
x
low (active)
Ie
high > 80
μsx
high
0
low
< 4
high
0
low
> Min. irradianceEe
< Max. irradiance Ee
low (active)
0
low
> Max. irradiance Eex
0


Similar Part No. - TFDU6102-TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU6102 VISHAY-TFDU6102 Datasheet
420Kb / 16P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.5, 24-Jun-04
TFDU6102E VISHAY-TFDU6102E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU6102E-TR3 VISHAY-TFDU6102E-TR3 Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU6102E-TT3 VISHAY-TFDU6102E-TT3 Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
More results

Similar Description - TFDU6102-TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU6102 VISHAY-TFDU6102 Datasheet
420Kb / 16P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.5, 24-Jun-04
TFDU6103 VISHAY-TFDU6103 Datasheet
265Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.3, 03-Jul-08
TFDU6103 VISHAY-TFDU6103_09 Datasheet
236Kb / 13P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.4, 29-Jul-09
TFDU6102E VISHAY-TFDU6102E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU6101E VISHAY-TFDU6101E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU6300 VISHAY-TFDU6300 Datasheet
214Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation
Rev. 1.8, 03-Jul-08
TFDU5102-TR3 VISHAY-TFDU5102-TR3 Datasheet
243Kb / 12P
   Fast Infrared Transceiver Module Family (MIR, 1 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. A1.1, 12-Nov-02
TFDU6300 VISHAY-TFDU6300_09 Datasheet
193Kb / 12P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s)
Rev. 2.0, 04-Aug-09
TFDU6301 VISHAY-TFDU6301 Datasheet
217Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation and Low-Voltage Logic (1.8 V)
Rev. 1.8, 03-Jul-08
TFDU6108 VISHAY-TFDU6108 Datasheet
940Kb / 27P
   Fast Infrared Transceiver Module (4 Mbit/s), IrDA Serial Interface Compatible, 2.7 V to 5.5 V Supply Voltage Range
Rev. 1.6, 25-Jun-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com