Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1610 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1610
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1610 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ADS1610 Datasheet HTML 1Page - Burr-Brown (TI) ADS1610 Datasheet HTML 2Page - Burr-Brown (TI) ADS1610 Datasheet HTML 3Page - Burr-Brown (TI) ADS1610 Datasheet HTML 4Page - Burr-Brown (TI) ADS1610 Datasheet HTML 5Page - Burr-Brown (TI) ADS1610 Datasheet HTML 6Page - Burr-Brown (TI) ADS1610 Datasheet HTML 7Page - Burr-Brown (TI) ADS1610 Datasheet HTML 8Page - Burr-Brown (TI) ADS1610 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
BurrBrown Products
from Texas Instruments
¨
FEATURES
APPLICATIONS
DESCRIPTION
VREFP
AINP
AINN
VREFN
∆Σ
Modulator
Digital
Filter
Parallel
Interface
Bias Circuits
VMID
RBIAS
VCAP
AVDD
AGND
DGND
DVDD
PD
SYNC
CLK
MODE0
MODE1
RD
DRDY
OTR
DOUT[15:0]
ADS1610
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
16-Bit, 10 MSPS
ANALOG-TO-DIGITAL CONVERTER
The ADS1610
∆Σ topology provides key system-level
design advantages with respect to anti-alias filtering
High-Speed, Wide Bandwidth
∆Σ ADC
and clock jitter. The design of the user's front-end
10MSPS Output Data Rate
anti-alias filter is simplified since the on-chip digital
filter greatly attenuates out-of-band signals. The
4.9MHz Signal Bandwidth
ADS1610s filter has a brick wall response with a very
86dBFS Signal-to-Noise Ratio
flat
passband
(±0.0002dB
of
ripple)
followed
–94dB Total Harmonic Distortion
immediately by a very wide stop band (5MHz to
95dB Spurious-Free Dynamic Range
55MHz). Clock jitter becomes especially critical when
digitizing high frequency, large-amplitude signals.
On-Chip Digital Filter Simplifies Anti-Alias
The
ADS1610
significantly
reduces
clock
jitter
Requirements
sensitivity by an effective averaging of clock jitter as
SYNC Pin for Simultaneous Sampling with
a result of oversampling the input signal.
Multiple ADS1610s
Output data is supplied over a parallel interface and
Low 3
µs Group Delay
easily connects to TMS320 digital signal processors
Parallel Interface
(DSPs). The power dissipation can be adjusted with
an external resistor, allowing for reduction at lower
Directly Connects to TMS320 DSPs
operating speeds.
Out-of-Range Alert Pin
With its outstanding high-speed performance, the
ADS1610 is well-suited for demanding applications in
data acquisition, scientific instruments, test and
Scientific Instruments
measurement equipment, and communications. The
Test Equipment
ADS1610 is offered in a TQFP64 package and is
Communications
specified from –40°C to 85°C.
The
ADS1610
is
a
high-speed,
high-precision,
delta-sigma (
∆Σ) analog-to-digital converter (ADC)
with 16-bit resolution operating from a 5V analog and
a
3V
digital
supply.
Featuring
an
advanced
multi-stage analog modulator combined with an
on-chip
digital
decimation
filter,
the
ADS1610
achieves 86 dBFS signal-to-noise ratio (SNR) in a
5MHz signal bandwidth; while the total harmonic
distortion is -94dB.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS1610

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1610IPAPR TI1-ADS1610IPAPR Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610IPAPRG4 TI1-ADS1610IPAPRG4 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610IPAPT TI1-ADS1610IPAPT Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610IPAPTG4 TI1-ADS1610IPAPTG4 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1610

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1610 TI1-ADS1610_14 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
AD9726 AD-AD9726_15 Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com