Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMJT350T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMJT350T1
Description  Bipolar Power Transistors PNP Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMJT350T1 Datasheet(HTML) 1 Page - ON Semiconductor

  MMJT350T1 Datasheet HTML 1Page - ON Semiconductor MMJT350T1 Datasheet HTML 2Page - ON Semiconductor MMJT350T1 Datasheet HTML 3Page - ON Semiconductor MMJT350T1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 2
1
Publication Order Number:
MMJT350T1/D
MMJT350T1
Bipolar Power Transistors
PNP Silicon
Bipolar power transistors are designed for use in line−operated
applications such as low power, line−operated series pass and
switching regulators requiring PNP capability.
Features
High Collector−Emitter Sustaining Voltage −
VCEO(sus) = 300 Vdc @ IC
= 1.0 mAdc
Excellent DC Current Gain −
hFE = 30−240 @ IC
= 50 mAdc
Epoxy Meets UL 94 V−0 @ 0.125 in
ESD Ratings: Human Body Model, 3B; > 8000 V
Machine Model, C; > 400 V
Pb−Free Package is Available
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MMJT350T1
SOT−223
1000 / Tape & Reel
Schematic
C 2,4
B 1
E 3
0.5 AMPERE
POWER TRANSISTOR
PNP SILICON
300 VOLTS, 2.75 WATTS
MMJT350T1G
SOT−223
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
2
3
4
SOT−223
CASE 318E
STYLE 1
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
T350
= Device Code
MARKING DIAGRAM
(Note: Microdot may be in either location)
AYW
T350
G
G


Similar Part No. - MMJT350T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMJT350T1 ONSEMI-MMJT350T1 Datasheet
57Kb / 4P
   Bipolar Power Transistors
October, 2003 ??Rev. 1
MMJT350T1G ONSEMI-MMJT350T1G Datasheet
108Kb / 4P
   Bipolar Power Transistors
September, 2010 ??Rev. 5
MMJT350T1G ONSEMI-MMJT350T1G Datasheet
114Kb / 4P
   Bipolar Power Transistors
August, 2013 ??Rev. 7
MMJT350T1G ONSEMI-MMJT350T1G_13 Datasheet
114Kb / 4P
   Bipolar Power Transistors
August, 2013 ??Rev. 7
More results

Similar Description - MMJT350T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMJT9435 ONSEMI-MMJT9435 Datasheet
89Kb / 6P
   Bipolar Power Transistors PNP Silicon
September, 2004 ??Rev. 5
NJT4030P ONSEMI-NJT4030P Datasheet
70Kb / 6P
   Bipolar Power Transistors PNP Silicon
December, 2006 ??Rev. P2
MJW3281A ONSEMI-MJW3281A_10 Datasheet
160Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
NJW3281G ONSEMI-NJW3281G_13 Datasheet
117Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
September, 2013 ??Rev. 1
MJL4281A ONSEMI-MJL4281A Datasheet
55Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
July, 2003 ??Rev. 1
NJW3281G ONSEMI-NJW3281G Datasheet
89Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
January, 2008 - Rev. 0
MJW3281A ONSEMI-MJW3281A Datasheet
91Kb / 8P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2002 ??Rev. 1
logo
Toshiba Semiconductor
TTA005 TOSHIBA-TTA005 Datasheet
204Kb / 6P
   Bipolar Transistors Silicon PNP Epitaxial Type
2019-05-24 Rev.4.0
TDTA123J TOSHIBA-TDTA123J Datasheet
229Kb / 5P
   Bipolar Transistors Silicon PNP Epitaxial Type
2020-11-13 Rev.3.0
TTA012 TOSHIBA-TTA012 Datasheet
289Kb / 7P
   Bipolar Transistors Silicon PNP Epitaxial Type
2022-10-12 Rev.1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com