Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HCT04AD Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HCT04AD
Description  Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT04AD Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HCT04AD Datasheet HTML 1Page - ON Semiconductor MC74HCT04AD Datasheet HTML 2Page - ON Semiconductor MC74HCT04AD Datasheet HTML 3Page - ON Semiconductor MC74HCT04AD Datasheet HTML 4Page - ON Semiconductor MC74HCT04AD Datasheet HTML 5Page - ON Semiconductor MC74HCT04AD Datasheet HTML 6Page - ON Semiconductor MC74HCT04AD Datasheet HTML 7Page - ON Semiconductor MC74HCT04AD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 9
1
Publication Order Number:
MC74HCT04A/D
MC74HCT04A
Hex Inverter
With LSTTL−Compatible Inputs
High−Performance Silicon−Gate CMOS
The MC74HCT04A may be used as a level converter for interfacing
TTL or NMOS outputs to High−Speed CMOS inputs. The HCT04A is
identical in pinout to the LS04.
Features
Output Drive Capability: 10 LSTTL Loads
TTL/NMOS−Compatible Input Levels
Outputs Directly Interface to CMOS, NMOS and TTL
Operating Voltage Range: 4.5 to 5.5 V
Low Input Current: 1mA
In Compliance With the JEDEC Standard No. 7A Requirements
Chip Complexity: 48 FETs or 12 Equivalent Gates
Pb−Free Packages are Available
http://onsemi.com
MARKING
DIAGRAMS
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or G
= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOEIAJ−14
F SUFFIX
CASE 965
SOIC−14
D SUFFIX
CASE 751A
14
1
1
14
74HCT04A
ALYWG
HCT04AG
AWLYWW
14
1
1
14
HCT
04A
ALYWG
G
1
14
14
1
PDIP−14
N SUFFIX
CASE 646
MC74HCT04AN
AWLYYWWG
1
14
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


Similar Part No. - MC74HCT04AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCT04AD MOTOROLA-MC74HCT04AD Datasheet
144Kb / 6P
   Hex Inverter
logo
ON Semiconductor
MC74HCT04AD ONSEMI-MC74HCT04AD Datasheet
126Kb / 8P
   Hex Inverter
March, 2000 ??Rev. 7
logo
Motorola, Inc
MC74HCT04AD MOTOROLA-MC74HCT04AD Datasheet
77Kb / 6P
   With LSTTL-Compatible Inputs High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HCT04ADG ONSEMI-MC74HCT04ADG Datasheet
80Kb / 5P
   Hex Inverter
August, 2015 ??Rev. 12
MC74HCT04ADR2 ONSEMI-MC74HCT04ADR2 Datasheet
126Kb / 8P
   Hex Inverter
March, 2000 ??Rev. 7
More results

Similar Description - MC74HCT04AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com