Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC4538AFG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC4538AFG
Description  Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4538AFG Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC4538AFG Datasheet HTML 1Page - ON Semiconductor MC74HC4538AFG Datasheet HTML 2Page - ON Semiconductor MC74HC4538AFG Datasheet HTML 3Page - ON Semiconductor MC74HC4538AFG Datasheet HTML 4Page - ON Semiconductor MC74HC4538AFG Datasheet HTML 5Page - ON Semiconductor MC74HC4538AFG Datasheet HTML 6Page - ON Semiconductor MC74HC4538AFG Datasheet HTML 7Page - ON Semiconductor MC74HC4538AFG Datasheet HTML 8Page - ON Semiconductor MC74HC4538AFG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2005
June, 2005 − Rev. 9
1
Publication Order Number:
MC74HC4538A/D
MC74HC4538A
Dual Precision Monostable
Multivibrator (Retriggerable,
Resettable)
The MC74HC4538A is identical in pinout to the MC14538B. The
device inputs are compatible with standard CMOS outputs; with
pullup resistors, they are compatible with LSTTL outputs.
This dual monostable multivibrator may be triggered by either the
positive or the negative edge of an input pulse, and produces a
precision output pulse over a wide range of pulse widths. Because the
device has conditioned trigger inputs, there are no trigger−input rise
and fall time restrictions. The output pulse width is determined by the
external timing components, Rx and Cx. The device has a reset
function which forces the Q output low and the Q output high,
regardless of the state of the output pulse circuitry.
Features
Unlimited Rise and Fall Times Allowed on the Trigger Inputs
Output Pulse is Independent of the Trigger Pulse Width
± 10% Guaranteed Pulse Width Variation from Part to Part
(Using the Same Test Jig)
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS and TTL
Operating Voltage Range: 3.0 to 6.0 V
Low Input Current: 1.0 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
Chip Complexity: 145 FETs or 36 Equivalent Gates
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING
DIAGRAMS
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
1
16
PDIP−16
N SUFFIX
CASE 648
1
16
1
16
1
16
MC74HC4538AN
AWLYYWWG
1
16
HC4538AG
AWLYWW
HC45
38A
ALYW
G
G
1
16
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
G
= Pb−Free Package
G
= Pb−Free Package
(Note: Microdot may be in either location)
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1
16
74HC4538A
ALYWG
SOEIAJ−16
F SUFFIX
CASE 966
1
16


Similar Part No. - MC74HC4538AFG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
Motorola, Inc
MC74HC4538A MOTOROLA-MC74HC4538A Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
168Kb / 14P
   Dual Precision Monostable Multivibrator
August, 2014 ??Rev. 15
MC74HC4538AD ONSEMI-MC74HC4538AD Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
Motorola, Inc
MC74HC4538AD MOTOROLA-MC74HC4538AD Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
More results

Similar Description - MC74HC4538AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
MC14538B MOTOROLA-MC14538B Datasheet
275Kb / 10P
   DUAL PRECISION RETRIGGERABLE / RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC14538B ONSEMI-MC14538B_14 Datasheet
179Kb / 13P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
July, 2014 ??Rev. 11
MC14538BDWG ONSEMI-MC14538BDWG Datasheet
198Kb / 14P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com