Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC4060A Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74HC4060A
Description  14?뭆tage Binary Ripple Counter With Oscillator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4060A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC74HC4060A Datasheet HTML 2Page - ON Semiconductor MC74HC4060A Datasheet HTML 3Page - ON Semiconductor MC74HC4060A Datasheet HTML 4Page - ON Semiconductor MC74HC4060A Datasheet HTML 5Page - ON Semiconductor MC74HC4060A Datasheet HTML 6Page - ON Semiconductor MC74HC4060A Datasheet HTML 7Page - ON Semiconductor MC74HC4060A Datasheet HTML 8Page - ON Semiconductor MC74HC4060A Datasheet HTML 9Page - ON Semiconductor MC74HC4060A Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MC74HC4060A
http://onsemi.com
6
PIN DESCRIPTIONS
INPUTS
Osc In (Pin 11)
Negative−edge triggering clock input. A high−to−low
transition on this input advances the state of the counter. Osc
In may be driven by an external clock source.
Reset (Pin 12)
Active−high reset. A high level applied to this input
asynchronously resets the counter to its zero state (forcing
all Q outputs low) and disables the oscillator.
OUTPUTS
Q4—Q10, Q12−Q14 (Pins 7, 5, 4, 6, 13, 15, 1, 2, 3)
Active−high outputs. Each Qn output divides the Clock
input frequency by 2N. The user should note the Q1, Q2, Q3
and Q11 are not available as outputs.
Osc Out 1, Osc Out 2 (Pins 9, 10)
Oscillator outputs. These pins are used in conjunction
with Osc In and the external components to form an
oscillator. When Osc In is being driven with an external
clock source, Osc Out 1 and Osc Out 2 must be left open
circuited. With the crystal oscillator configuration in Figure
6, Osc Out 2 must be left open circuited.
SWITCHING WAVEFORMS
tw
tf
Osc In
Q
VCC
GND
90%
50%
10%
tr
tw
90%
50%
10%
tPHL
1/fMAX
tPLH
tTLH
tTHL
Reset
VCC
GND
tPHL
50%
Figure 1.
Figure 2.
Q
VCC
GND
50%
Osc In
50%
trec
50%
Qn
VCC
GND
50%
Qn+1
CL*
*Includes all probe and jig capacitance
TEST
POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 3.
Figure 4. Test Circuit
tPLH
tPHL


Similar Part No. - MC74HC4060A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
MC74HC4060AD ONSEMI-MC74HC4060AD Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060ADG ONSEMI-MC74HC4060ADG Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
MC74HC4060ADR2 ONSEMI-MC74HC4060ADR2 Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
More results

Similar Description - MC74HC4060A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC4040 ONSEMI-MC74AC4040 Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com