Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT589LT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBT589LT1
Description  High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT589LT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBT589LT1 Datasheet HTML 1Page - ON Semiconductor MMBT589LT1 Datasheet HTML 2Page - ON Semiconductor MMBT589LT1 Datasheet HTML 3Page - ON Semiconductor MMBT589LT1 Datasheet HTML 4Page - ON Semiconductor MMBT589LT1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBT589LT1
http://onsemi.com
3
Figure 1. DC Current Gain versus
Collector Current
Figure 2. DC Current Gain versus
Collector Current
Figure 3. “On” Voltages
Figure 4. Base Emitter Saturation Voltage
versus Collector Current
Figure 5. Collector Emitter Saturation Voltage
versus Collector Current
Figure 6. Collector Emitter Saturation Voltage
versus Collector Current
10
0.001
IC, COLLECTOR CURRENT (AMPS)
200
150
100
50
IC, COLLECTOR CURRENT (mA)
100
1000
1.0
130
90
70
50
100
1000
1.0
IC, COLLECTOR CURRENT (mA)
1.0
0.4
0.3
0.2
0.1
0
IC, COLLECTOR CURRENT (AMPS)
0.01
0.001
1.0
0.95
0.6
0.55
0.5
1.0
0.01
IB, BASE CURRENT (mA)
1.0
0.6
0.4
0.2
0
IC, COLLECTOR CURRENT (AMPS)
0.001
1.8
1.0
0.8
0.6
0.2
0
0.1
0.1
0
0.01
0.1
1.0
10
110
150
170
10
0.1
1.0
10
10
1000
100
0.8
0.01
10
1.0
0.4
VCE = −2.0 V
190
210
230
VCE = −1.0 V
125°C
25°C
−55°C
0.8
0.7
0.6
0.5
0.9
VBE(sat)
VCE(sat)
VBE(on)
0.7
0.65
0.8
0.75
0.9
0.85
IC/IB = 100
IC/IB = 10
1.6
1.4
1.2
IC/IB = 100
IC/IB = 10
1000 mA
100 mA
50 mA
10 mA


Similar Part No. - MMBT589LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT589LT1 ONSEMI-MMBT589LT1 Datasheet
113Kb / 8P
   High Current Surface Mount PNP Silicon Switching Transistor
August, 2001 ??Rev. 1
logo
Motorola, Inc
MMBT589LT1 MOTOROLA-MMBT589LT1 Datasheet
113Kb / 6P
   High Current Surface Mount PNP Silicon Switching Transistor
logo
ON Semiconductor
MMBT589LT1G ONSEMI-MMBT589LT1G Datasheet
138Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
August, 2009 ??Rev. 5
MMBT589LT1G ONSEMI-MMBT589LT1G Datasheet
111Kb / 5P
   High Current Surface Mount PNP Silicon Switching
October, 2016 ??Rev. 7
MMBT589LT1G ONSEMI-MMBT589LT1G Datasheet
2Mb / 28P
   Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
March, 2021 ??Rev. 1
More results

Similar Description - MMBT589LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT589LT1G ONSEMI-MMBT589LT1G_09 Datasheet
138Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
August, 2009 ??Rev. 5
MBT35200MT1 ONSEMI-MBT35200MT1 Datasheet
81Kb / 8P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
August, 2000 ??Rev. 1
MBT35200MT1 ONSEMI-MBT35200MT1_05 Datasheet
64Kb / 6P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
June, 2005 ??Rev. 2
MMBT489LT1 ONSEMI-MMBT489LT1 Datasheet
64Kb / 4P
   High Current Surface Mount NPN Silicon Switching Transistor for Load Management in Portable Applications
July, 2003 ??Rev. 3
MMBT489LT1 ONSEMI-MMBT489LT1_06 Datasheet
56Kb / 4P
   High Current Surface Mount NPN Silicon Switching Transistor for Load Management in Portable Applications
January, 2006 ??Rev. 4
NSS35200CF8T1G ONSEMI-NSS35200CF8T1G Datasheet
66Kb / 6P
   High Current Surface Mount PNP Silicon Low VCE-SAT Switching Transistor for Load Management in Portable Applications
April, 2005 ??Rev. 2
NST489AMT1 ONSEMI-NST489AMT1 Datasheet
65Kb / 4P
   High Current Surface Mount NPN Silicon Low VCE(sat) Switching Transistor for Load Management in Portable Applications
April, 2006 ??Rev. 7
NST489AMT1-D ONSEMI-NST489AMT1-D Datasheet
144Kb / 4P
   High Current Surface Mount NPN Silicon Low VCE(sat) Switching Transistor for Load Management in Portable Applications
November, 2011 ??Rev. 8
MMBT6589T1 ONSEMI-MMBT6589T1 Datasheet
63Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor for Switching Transistor for Portable Applications
January, 2006 ??Rev. 1
logo
Motorola, Inc
MMBT589LT1 MOTOROLA-MMBT589LT1 Datasheet
113Kb / 6P
   High Current Surface Mount PNP Silicon Switching Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com