Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT91L61ASR1 Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # MT91L61ASR1
Description  3 Volt Multi-Featured Codec (MFC)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT91L61ASR1 Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button MT91L61ASR1 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT91L61ASR1 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT91L61ASR1 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT91L61ASR1 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT91L61ASR1 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT91L61ASR1 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT91L61ASR1 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT91L61ASR1 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT91L61ASR1 Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
MT91L60/61
Data Sheet
6
Zarlink Semiconductor Inc.
Table 1
Transducer Interfaces
Standard handset transducer interfaces are provided by the MT91L60/61. These are:
The handset microphone inputs (transmitter), pins M+/M-. The nominal transmit path gain may be adjusted
to either 6.0 dB or 15.3 dB. Control of this gain is provided by the TxINC control bit (Gain Control register 1,
address 00h).
The handset speaker outputs (receiver), pins HSPKR+/HSPKR-. This internally compensated fully
differential output driver is capable of driving the load shown in Figure 3. The nominal receive path gain may
be adjusted to either 0 dB, -6 dB or -12 dB. Control of this gain is provided by the RxINC control bit (Gain
Control register 1, address 00h). This gain adjustment is in addition to the programmable gain provided by
the receive filter.
Figure 3 - Audio Gain Partitioning
Code
Sign/
Magnitude
ITU-T (G.711)
µ-Law
A-Law
+ Full Scale
1111 1111
1000 0000
1010 1010
+ Zero
1000 0000
1111 1111
1101 0101
-Zero
(quiet code)
0000 0000
0111 1111
0101 0101
- Full Scale
0111 1111
0000 0000
0010 1010
Serial
Port
Filter/Codec and Transducer Interface
Handset
Receiver
(150
Ω)
PCM
Receive
Filter Gain
0 to -7 dB
(1 dB steps)
Side-tone
-9.96 to
+9. 96 dB
-11 dB
(3.32 dB steps)
-6 dB
Receiver
Driver
-6.0 dB or
0 dB
HSPKR +
HSPKR -
75
Internal To Device
External To Device
Default Bypass
M+
M
-
Transmit
Gain
6.37 dB
Transmit Gain
-0.37 dB or 8.93 dB
Gain
0 to +7 dB
PCM
Transmitter
Microphone
Din
Dout
Transmit Filter
Gain
0 to +7 dB
(1 dB steps)
75
Decoder
Encoder


Similar Part No. - MT91L61ASR1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT91L61AS MITEL-MT91L61AS Datasheet
146Kb / 32P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
More results

Similar Description - MT91L61ASR1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9161B ZARLINK-MT9161B Datasheet
422Kb / 30P
   5 Volt Multi-Featured Codec (MFC)
logo
Mitel Networks Corporat...
MT91L60 MITEL-MT91L60 Datasheet
166Kb / 20P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT91L61 MITEL-MT91L61 Datasheet
146Kb / 32P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT9160B MITEL-MT9160B Datasheet
13Kb / 2P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9160 MITEL-MT9160 Datasheet
402Kb / 28P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9161B MITEL-MT9161B Datasheet
154Kb / 30P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
logo
Zarlink Semiconductor I...
MT91L62 ZARLINK-MT91L62 Datasheet
405Kb / 19P
   3 Volt Single Rail Codec
logo
Mitel Networks Corporat...
MT91L62 MITEL-MT91L62 Datasheet
79Kb / 17P
   ISO2-CMOS 3 Volt Single Rail Codec
logo
Clare, Inc.
M-986-2R2 CLARE-M-986-2R2 Datasheet
520Kb / 13P
   MFC Transceivers
logo
List of Unclassifed Man...
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
   Multi-Channel AC97 Codec With Multi-Codec Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com