Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT91L61ASR Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # MT91L61ASR
Description  3 Volt Multi-Featured Codec (MFC)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT91L61ASR Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  MT91L61ASR Datasheet HTML 1Page - Zarlink Semiconductor Inc MT91L61ASR Datasheet HTML 2Page - Zarlink Semiconductor Inc MT91L61ASR Datasheet HTML 3Page - Zarlink Semiconductor Inc MT91L61ASR Datasheet HTML 4Page - Zarlink Semiconductor Inc MT91L61ASR Datasheet HTML 5Page - Zarlink Semiconductor Inc MT91L61ASR Datasheet HTML 6Page - Zarlink Semiconductor Inc MT91L61ASR Datasheet HTML 7Page - Zarlink Semiconductor Inc MT91L61ASR Datasheet HTML 8Page - Zarlink Semiconductor Inc MT91L61ASR Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
MT91L60/61
Data Sheet
4
Zarlink Semiconductor Inc.
Overview
The 3 V Multi-featured Codec (MFC) features complete Analog/Digital and Digital/Analog conversion of audio signals
(Filter/Codec) and an analog interface to a standard handset transmitter and receiver (Transducer Interface). The receiver
amplifier is capable of driving a 300 ohm load.
Each of the programmable parameters within the functional blocks is accessed through a serial microcontroller port
compatible with Intel MCS-51®, Motorola SPI® and National Semiconductor Microwire® specifications. These
parameters include: gain control, power down, mute, B-Channel select (ST-BUS mode), C&D channel
control/access, law control, digital interface programming and loopback. Optionally the device may be used in a
controllerless mode utilizing the power-on default settings.
12
14
Din
Data Input. A digital input for 8 bit wide channel data received from the Layer 1
transceiver. Data is sampled on the falling edge of the bit clock during the timeslot
defined by STB, or according to standard ST-BUS timing. Input level is CMOS
compatible.
13
15
STB/F0i Data Strobe/Frame Pulse (Input). For SSI mode this input determines the 8 bit
timeslot used by the device for both transmit and receive data. This active high
signal has a repetition rate of 8 kHz. Standard frame pulse definitions apply in ST-
BUS mode. CMOS level compatible input.
16
STBd/F0
od
(MT91L6
1 only)
Delayed Frame Pulse Output. In SSI mode, an 8 bit wide strobe is output after the
first strobe goes low. In ST-BUS mode, a frame pulse is output after 4 channel
timeslots.
14
17
CLOCKin Clock (Input). The clock provided to this input pin is used for the internal device
functions. For SSI mode connect the bit clock to this pin when it is 512 kHz or
greater. Connect a 4096 kHz clock to this input when the available bit clock is
128 kHz or 256 kHz. For ST-BUS mode connect C4i to this pin. CMOS level
compatible.
15
18
VDD
Positive Power Supply (Input). Nominally 3 volts.
16
19
HSPKR- Inverting Handset Speaker (Output). Output to the handset speaker (balanced).
17
20
HSPKR+ Non-Inverting Handset Speaker (Output). Output to the handset speaker
(balanced).
18
22
VSSA
Analog Ground (Input). Nominally 0 volts.
19
23
M-
Inverting Microphone (Input). Inverting input to microphone amplifier from the
handset microphone.
20
24
M+
Non-Inverting Microphone (Input). Non-inverting input to microphone amplifier
from the handset microphone.
3,9,
16,21
NC
No Connect. (24 Packages only). Pin 16 is NC for MT91L60.
Pin Description (continued)
Pin #
20 Pin24 Pin
Name
Description


Similar Part No. - MT91L61ASR

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT91L61AS MITEL-MT91L61AS Datasheet
146Kb / 32P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
More results

Similar Description - MT91L61ASR

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9161B ZARLINK-MT9161B Datasheet
422Kb / 30P
   5 Volt Multi-Featured Codec (MFC)
logo
Mitel Networks Corporat...
MT91L60 MITEL-MT91L60 Datasheet
166Kb / 20P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT91L61 MITEL-MT91L61 Datasheet
146Kb / 32P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT9160B MITEL-MT9160B Datasheet
13Kb / 2P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9160 MITEL-MT9160 Datasheet
402Kb / 28P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9161B MITEL-MT9161B Datasheet
154Kb / 30P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
logo
Zarlink Semiconductor I...
MT91L62 ZARLINK-MT91L62 Datasheet
405Kb / 19P
   3 Volt Single Rail Codec
logo
Mitel Networks Corporat...
MT91L62 MITEL-MT91L62 Datasheet
79Kb / 17P
   ISO2-CMOS 3 Volt Single Rail Codec
logo
Clare, Inc.
M-986-2R2 CLARE-M-986-2R2 Datasheet
520Kb / 13P
   MFC Transceivers
logo
List of Unclassifed Man...
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
   Multi-Channel AC97 Codec With Multi-Codec Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com