Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBF4393LT1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MMBF4393LT1
Description  JFET Switching Transistors N-Channel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBF4393LT1 Datasheet(HTML) 5 Page - ON Semiconductor

  MMBF4393LT1 Datasheet HTML 1Page - ON Semiconductor MMBF4393LT1 Datasheet HTML 2Page - ON Semiconductor MMBF4393LT1 Datasheet HTML 3Page - ON Semiconductor MMBF4393LT1 Datasheet HTML 4Page - ON Semiconductor MMBF4393LT1 Datasheet HTML 5Page - ON Semiconductor MMBF4393LT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MMBF4391LT1, MMBF4392LT1, MMBF4393LT1
http://onsemi.com
5
Figure 10. Effect of IDSS on Drain−Source
Resistance and Gate−Source Voltage
IDSS, ZERO−GATE VOLTAGE DRAIN CURRENT (mA)
20
10
30
40
50
30 40 50 60 70
20
0
10
0
1.0
2.0
3.0
4.0
5.0
Tchannel = 25°C
VGS(off)
rDS(on) @ VGS = 0
6.0
7.0
8.0
9.0
10
70
60
80
90
100
80 90 100 110 120 130 140 150
NOTE 2
The Zero−Gate−Voltage Drain Current (IDSS) is the
principle determinant of other J−FET characteristics.
Figure 10 shows the relationship of Gate−Source Off
Voltage (VGS(off)) and Drain−Source On Resistance
(rDS(on)) to IDSS. Most of the devices will be within
±10% of the values shown in Figure 10. This data will
be useful in predicting the characteristic variations for
a given part number.
For example:
Unknown
rDS(on) and VGS range for an MMBF4392
The electrical characteristics table indicates that an
MMBF4392 has an IDSS range of 25 to 75 mA. Figure
10 shows rDS(on) = 52 W for IDSS = 25 mA and 30 W for
IDSS = 75 mA. The corresponding VGS values are 2.2 V
and 4.8 V.


Similar Part No. - MMBF4393LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBF4393LT1 MOTOROLA-MMBF4393LT1 Datasheet
139Kb / 6P
   JFET Switching Transistors
logo
ON Semiconductor
MMBF4393LT1 ONSEMI-MMBF4393LT1 Datasheet
90Kb / 6P
   JFET Switching Transistors
September, 2004 ??Rev. 4
MMBF4393LT1G ONSEMI-MMBF4393LT1G Datasheet
90Kb / 6P
   JFET Switching Transistors
September, 2004 ??Rev. 4
MMBF4393LT1G ONSEMI-MMBF4393LT1G Datasheet
176Kb / 6P
   JFET Switching Transistors
October, 2009 ??Rev. 7
MMBF4393LT1G ONSEMI-MMBF4393LT1G Datasheet
134Kb / 6P
   JFET Switching Transistors
May, 2012 ??Rev. 10
More results

Similar Description - MMBF4393LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPF4392 ONSEMI-MPF4392_06 Datasheet
75Kb / 6P
   JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
logo
Motorola, Inc
MMBF4391LT1 MOTOROLA-MMBF4391LT1 Datasheet
139Kb / 6P
   JFET Switching Transistors
logo
ON Semiconductor
MMBF4391LT1 ONSEMI-MMBF4391LT1 Datasheet
90Kb / 6P
   JFET Switching Transistors
September, 2004 ??Rev. 4
MMBF4391LT1G ONSEMI-MMBF4391LT1G_09 Datasheet
176Kb / 6P
   JFET Switching Transistors
October, 2009 ??Rev. 7
MMBF4391LT1G ONSEMI-MMBF4391LT1G_12 Datasheet
134Kb / 6P
   JFET Switching Transistors
May, 2012 ??Rev. 10
MMBF4393LT3G ONSEMI-MMBF4393LT3G Datasheet
134Kb / 6P
   JFET Switching Transistors
May, 2012 ??Rev. 10
MPF4392 ONSEMI-MPF4392_12 Datasheet
126Kb / 6P
   JFET Switching Transistors
February, 2012 ??Rev. 6
MMBF4391L ONSEMI-MMBF4391L Datasheet
180Kb / 6P
   JFET Switching Transistors
October, 2016 ??Rev. 12
logo
Seme LAB
2N4392 SEME-LAB-2N4392_03 Datasheet
20Kb / 2P
   JFET SWITCHING N CHANNEL- DEPLETION
logo
ON Semiconductor
2N5555 ONSEMI-2N5555_01 Datasheet
175Kb / 8P
   JFET Switching N-Channel - Depletion
November, 2001 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com