Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT02DTR2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74ACT02DTR2
Description  Quad 2?묲nput NOR Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT02DTR2 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74ACT02DTR2 Datasheet HTML 1Page - ON Semiconductor MC74ACT02DTR2 Datasheet HTML 2Page - ON Semiconductor MC74ACT02DTR2 Datasheet HTML 3Page - ON Semiconductor MC74ACT02DTR2 Datasheet HTML 4Page - ON Semiconductor MC74ACT02DTR2 Datasheet HTML 5Page - ON Semiconductor MC74ACT02DTR2 Datasheet HTML 6Page - ON Semiconductor MC74ACT02DTR2 Datasheet HTML 7Page - ON Semiconductor MC74ACT02DTR2 Datasheet HTML 8Page - ON Semiconductor MC74ACT02DTR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC74AC02, MC74ACT02
http://onsemi.com
3
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
1.5
5.0
7.5
1.0
8.0
ns
3−5
5.0
1.5
4.0
6.0
1.0
6.5
tPHL
Propagation Delay
3.3
1.5
5.0
7.5
1.0
8.0
ns
3−5
5.0
1.5
4.5
6.5
1.0
7.0
*Voltage Range 3.3 V is 3.3 V ±0.3 V.
Voltage Range 5.0 V is 5.0 V ±0.5 V.
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Unit
Conditions
TA = +25°C
TA =
−40°C to
+85°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
5.5
1.5
2.0
2.0
or VCC − 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
5.5
1.5
0.8
0.8
or VCC − 0.1 V
VOH
Minimum High Level
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = −50 μA
5.5
5.49
5.4
5.4
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 μA
5.5
0.001
0.1
0.1
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
μA
VI = VCC, GND
ΔICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1 V
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
4.0
40
μA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.


Similar Part No. - MC74ACT02DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT02DTR2G ONSEMI-MC74ACT02DTR2G Datasheet
88Kb / 8P
   Quad 2-Input NOR Gate
January, 2015 ??Rev. 8
More results

Similar Description - MC74ACT02DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC10H102 ONSEMI-MC10H102_06 Datasheet
150Kb / 6P
   Quad 2?묲nput NOR Gate
February, 2006 ??Rev. 7
NLSF302 ONSEMI-NLSF302_06 Datasheet
68Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC10H100 ONSEMI-MC10H100_06 Datasheet
144Kb / 5P
   Quad 2?묲nput NOR Gate With Strobe
February, 2006 ??Rev. 7
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
NL27WZ02 ONSEMI-NL27WZ02_06 Datasheet
63Kb / 5P
   Dual 2?묲nput NOR Gate
May, 2006 ??Rev. 8
logo
NTE Electronics
NTE7402 NTE-NTE7402 Datasheet
69Kb / 3P
   Integrated Circuit TTL ??Quad 2?묲nput Positive NOR Gate
logo
ON Semiconductor
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com