Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC26LS30DR2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC26LS30DR2
Description  Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC26LS30DR2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC26LS30DR2 Datasheet HTML 3Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 4Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 5Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 6Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 7Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 8Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 9Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 10Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MC26LS30
http://onsemi.com
7
VOD
Single−Ended Mode
Mode = 1
VCC = 5.0 V, VEE = −5.0 V
Vin = 1
4.0
0
3.5
4.5
IOH, OUTPUT CURRENT (mA)
−60
−40
−30
−50
−20
−10
3.0
−4.75
0
−3.25
−3.75
60
50
40
30
−4.25
20
10
IOL, OUTPUT CURRENT (mA)
Single−Ended Mode
Mode = 1
VCC = 5.0 V, VEE = −5.0 V
Vin = 0
Figure 6. Differential Output Voltage
versus Load Current
Figure 7. Internal Bias Current
versus Load Current
Figure 8. Short Circuit Current
versus Output Voltage
Figure 9. Input Current versus Input Voltage
Figure 10. Output Voltage versus
Output Source Current
Figure 11. Output Voltage versus
Output Sink Current
IO
VCC = 5.25 V
Vza, APPLIED OUTPUT VOLTAGE (V)
Pins 2 to 4, 6, 7
−5.0 V
t VEE t 0
Differential or
Single−Ended Mode
VCC = 0
+5.0
0
−5.0
−10
−15
−20
−25
15
13
11
9.0
7.0
5.0
3.0
1.0
−1.0
1.0
Normally High Output
+100
+60
+20
−20
−60
−100
6.0
5.0
4.0
3.0
2.0
0
20
40
30
20
120
100
80
60
040
5.0
4.0
3.0
2.0
1.0
0
60
50
40
30
20
10
0
0.8 or
2.0 V
IO, OUTPUT CURRENT (mA)
10
Vin, INPUT VOLTAGE (V)
Normally Low Output
VCC = 5.0 V
Differential Mode
Mode = 0, VCC = 5.0 V
Differential Mode
Mode = 0, VCC = 5.0 V
Differential Mode
Mode = 0
Supply Current = Bias Current + Load Current
TOTAL LOAD CURRENT (mA)
(Pin numbers refer to SO−16 package only.)


Similar Part No. - MC26LS30DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC26LS30DR2 ONSEMI-MC26LS30DR2 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
More results

Similar Description - MC26LS30DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
logo
Texas Instruments
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
   Quad EIA-422-A Line Receiver CMOS
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com