Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC26LS30_05 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC26LS30_05
Description  Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 4 page
background image
MC26LS30
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (EIA−423−A single−ended mode, Pin 4
q 2.0 V, −40°C t TA t 85°C, 4.75 V p VCC,
|VEE  p 5.25 V, (Notes 1 and 3) unless otherwise noted).
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (VCC =  VEE  = 4.75 V)
Single−Ended Voltage, RL = ∞ (Figure 2)
Single−Ended Voltage, RL = 450 Ω, (Figure 2)
Voltage Imbalance (Note 5), RL = 450 Ω
VO1
VO2
∆VO2
4.0
3.6
4.2
3.95
0.05
6.0
6.0
0.4
Vdc
Slew Control Current (Pins 16, 13, 12, 9)
ISLEW
±120
µA
Output Current (Each Output)
Power Off Leakage, VCC = VEE = 0, −6.0 V p VO p +6.0 V
Short Circuit Current (Output Short to Ground, Note 2)
Vin p 0.8 V (TA = 25°C)
Vin p 0.8 V (−40°C t TA t +85°C)
Vin w 2.0 V (TA = 25°C)
Vin w 2.0 V (−40°C t TA t +85°C)
IOLK
ISC+
ISC+
ISC−
ISC−
−100
60
50
−150
−150
0
80
−95
+100
150
150
−60
−50
µA
mA
Inputs
Low Level Voltage
High Level Voltage
Current @ Vin = 2.4 V
Current @ Vin = 15 V
Current @ Vin = 0.4 V
Current, 0
p Vin p 15 V, VCC = 0
Clamp Voltage (Iin = −12 mA)
VIL
VIH
IIH
IIHH
IIL
IIX
VIK
2.0
−200
−1.5
0
0
− 8.0
0
0.8
40
100
Vdc
Vdc
µA
Vdc
Power Supply Current (Outputs Open)
VCC = +5.25 V, VEE = −5.25 V, Vin = 0.4 V
ICC
IEE
−22
17
− 8.0
30
mA
TIMING CHARACTERISTICS (EIA−423−A single−ended mode, Pin 4
q 2.0 V, TA = 25°C, VCC = 5.0 V, VEE = −5.0 V, (Notes 1 and
3) unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Timing (Figure 5)
Output Rise Time, CC = 0
Output Fall Time, CC = 0
Output Rise Time, CC = 50 pF
Output Fall Time, CC = 50 pF
tr
tf
tr
tf
65
65
3.0
3.0
300
300
ns
µs
Rise Time Coefficient (Figure 16)
Crt
0.06
µs/pF
Propagation Delay Time, Input to Single Ended Output (Figure 5)
Input Low to High, CC = 0
Input High to Low, CC = 0
tPDH
tPDL
100
100
300
300
ns
Skew Timing, CC = 0 (Figure 5)
tPDH to tPDL for Each Driver
Max to Min tPDH Within a Package
Max to Min tPDL Within a Package
tSK4
tSK5
tSK6
15
2.0
5.0
ns
1. All voltages measured with respect to Pin 5.
2. Only one output shorted at a time, for not more than 1 second.
3. Typical values established at +25
°C, VCC = +5.0 V, VEE = −5.0 V.
4. Vin switched from 0.8 to 2.0 V.
5. Imbalance is the difference between
VO2 with Vin t 0.8 V and VO2 with Vin u 2.0 V.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MM88C29Quad Single-Ended Line Driver . Dual Differential Line Driver 1 2 3 4 5 MoreFairchild Semiconductor
STSMIA8321.8V/2.8V High speed dual differential line receivers standard mobile imaging architecture SMIA decoder deserializer 1 2 3 4 5 MoreSTMicroelectronics
SN65LVDS179HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1 2 3 4 5 MoreTexas Instruments
DS90LV028AHHigh Temperature 3V LVDS Dual Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
HD26LS31Quadruple Differential Line Drivers With 3 State Outputs 1 2 3 4 5 MoreHitachi Semiconductor
SN65C1167_06DUAL DIFFERENTIAL DRIVERS AND RECEIVERS 1 2 3 4 5 MoreTexas Instruments
SN55110A_03DUAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
SY10ELT23DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR 1 2 3 4 List of Unclassifed Manufacturers
DS26LV31QML3V Enhanced CMOS Quad Differential Line Driver 1 2 3 4 5 National Semiconductor (TI)
NCP44233A Dual High-Speed MOSFET Drivers 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl