Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC26LS30 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC26LS30
Description  Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC26LS30 Datasheet(HTML) 3 Page - ON Semiconductor

  MC26LS30_05 Datasheet HTML 1Page - ON Semiconductor MC26LS30_05 Datasheet HTML 2Page - ON Semiconductor MC26LS30_05 Datasheet HTML 3Page - ON Semiconductor MC26LS30_05 Datasheet HTML 4Page - ON Semiconductor MC26LS30_05 Datasheet HTML 5Page - ON Semiconductor MC26LS30_05 Datasheet HTML 6Page - ON Semiconductor MC26LS30_05 Datasheet HTML 7Page - ON Semiconductor MC26LS30_05 Datasheet HTML 8Page - ON Semiconductor MC26LS30_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC26LS30
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (EIA−422−A differential mode, Pin 4
p 0.8 V, −40°C tTA t 85°C, 4.75 V p VCC p 5.25 V,
VEE = Gnd, unless otherwise noted. Pin numbers refer to SO−16 package only.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (see Figure 1)
Differential, RL = ∞, VCC = 5.25 V
Differential, RL = 100 Ω, VCC = 4.75 V
Change in Differential Voltage, RL = 100 Ω (Note 4)
Offset Voltage, RL = 100 Ω
Change in Offset Voltage*, RL = 100 Ω
VOD1
VOD2
∆VOD2
VOS
∆VOS
2.0
4.2
2.6
10
2.5
10
6.0
400
3.0
400
Vdc
Vdc
mVdc
Vdc
mVdc
Output Current (each output)
Power Off Leakage, VCC = 0, −10 V p VO p +10 V
High Impedance Mode, VCC = 5.25 V, −10 V p VO p +10 V
Short Circuit Current (Note 2)
High Output Shorted to Pin 5 (TA = 25°C)
High Output Shorted to Pin 5 (−40
°C t TA t+85°C)
Low Output Shorted to +6.0 V (TA = 25°C)
Low Output Shorted to +6.0 V (−40
°C t TA t +85°C)
IOLK
IOZ
ISC−
ISC−
ISC+
ISC+
−100
−100
−150
−150
60
50
0
0
−95
75
+100
+100
−60
−50
150
150
µA
mA
Inputs
Low Level Voltage
High Level Voltage
Current @ Vin = 2.4 V
Current @ Vin = 15 V
Current @ Vin = 0.4 V
Current, 0
p Vin p 15 V, VCC = 0
Clamp Voltage (Iin = −12 mA)
VIL
VIH
IIH
IIHH
IIL
IIX
VIK
2.0
−200
−1.5
0
0
−8.0
0
0.8
40
100
Vdc
Vdc
µA
Vdc
Power Supply Current (VCC = +5.25 V, Outputs Open)
(0
p Enable p VCC)
ICC
16
30
mA
TIMING CHARACTERISTICS (EIA−422−A differential mode, Pin 4
p 0.8 V, TA = 25°C, VCC = 5.0 V, VEE = Gnd, (Notes 1 and 3)
unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Differential Output Rise Time (Figure 3)
tr
70
200
ns
Differential Output Fall Time (Figure 3)
tf
70
200
ns
Propagation Delay Time − Input to Differential Output
Input Low to High (Figure 3)
Input High to Low (Figure 3)
tPDH
tPDL
90
90
200
200
ns
Skew Timing (Figure 3)
tPDH to tPDL for Each Driver
Max to Min tPDH Within a Package
Max to Min tPDL Within a Package
tSK1
tSK2
tSK3
9.0
2.0
2.0
ns
Enable Timing (Figure 4)
Enable to Active High Differential Output
Enable to Active Low Differential Output
Enable to 3−State Output From Active High
Enable to 3−State Output From Active Low
tPZH
tPZL
tPHZ
tPLZ
150
190
80
110
300
350
350
300
ns
1. All voltages measured with respect to Pin 5.
2. Only one output shorted at a time, for not more than 1 second.
3. Typical values established at +25
°C, VCC = +5.0 V, VEE = −5.0 V.
4. Vin switched from 0.8 to 2.0 V.
5. Imbalance is the difference between
VO2 with Vin t 0.8 V and VO2 with Vin u 2.0 V.


Similar Part No. - MC26LS30_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC26LS30D ONSEMI-MC26LS30D Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
MC26LS30DR2 ONSEMI-MC26LS30DR2 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
More results

Similar Description - MC26LS30_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
logo
Texas Instruments
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
   Quad EIA-422-A Line Receiver CMOS
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com