Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC26LS30_05 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC26LS30_05
Description  Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 1 page
background image
© Semiconductor Components Industries, LLC, 2005
March, 2005 − Rev. 2
1
Publication Order Number:
MC26LS30/D
MC26LS30
Dual Differential
(EIA−422−A)/
Quad Single−Ended
(EIA−423−A) Line Drivers
The MC26LS30 is a low power Schottky set of line drivers which
can be configured as two differential drivers which comply with
EIA−422−A standards, or as four single−ended drivers which comply
with EIA−423−A standards. A mode select pin and appropriate choice
of power supplies determine the mode. Each driver can source and
sink currents in excess of 50 mA.
In the differential mode (EIA−422−A), the drivers can be used up to
10 Mbaud. A disable pin for each driver permits setting the outputs
into a high impedance mode within a +10 V common mode range.
In the single−ended mode (EIA−423−A), each driver has a slew rate
control pin which permits setting the slew rate of the output signal so
as to comply with EIA−423−A and FCC requirements and to reduce
crosstalk. When operated from symmetrical supplies (+5.0 V), the
outputs exhibit zero imbalance
The MC26LS30 is available in a 16−pin surface mount package.
Operating temperature range is −40
°C to +85°C.
Operates as Two Differential EIA−422−A Drivers, or Four
Single−Ended EIA−423−A Drivers
High Impedance Outputs in Differential Mode
Short Circuit Current Limit In Both Source and Sink Modes
±10 V Common Mode Range on High Impedance Outputs
±15 V Range on Inputs
Low Current PNP Inputs Compatible with TTL, CMOS, and MOS
Outputs
Individual Output Slew Rate Control in Single−Ended Mode
Replacement for the AMD AM26LS30 and National Semiconductor
DS3691
Pb−Free Packages are Available
Representative Block Diagrams
Single−Ended Mode
EIA−423−A
Differential Mode
EIA−422−A
Enable CD
Enable AB
Out D
Out C
Out B
Out A
VCC−1
VEE−8
Input D
Input A
Input A
SR−A
Out A
Gnd−5
Mode−4
SR−B
SR−C
Out D
SR−D
Out C
Out B
Input B
Input C
Input D
Device
Package
Shipping
ORDERING INFORMATION
MC26LS30D
48 Units/Rail
SO−16
PIN CONNECTIONS
16
1
4
2
5
6
7
8
9
3
10
11
12
13
14
15
Input C/
Enable CD
(Top View)
SR−A
Output A
Output B
Input D
VEE
SR−D
Output D
Output C
SR−C
SR−B
Gnd
VCC
Input A
Mode
Input B/
Enable AB
SO−16
D SUFFIX
CASE 751B
16
1
1
16
MC26LS30D
AWLYWW
MARKING
DIAGRAM
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
MC26LS30DR2
2500 Tape & Reel
SO−16
MC26LS30DG
48 Units/Rail
SO−16
(Pb−Free)
MC26LS30DR2G
2500 Tape & Reel
SO−16
(Pb−Free)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
http://onsemi.com




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MM88C29Quad Single-Ended Line Driver . Dual Differential Line Driver 1 2 3 4 5 MoreFairchild Semiconductor
STSMIA8321.8V/2.8V High speed dual differential line receivers standard mobile imaging architecture SMIA decoder deserializer 1 2 3 4 5 MoreSTMicroelectronics
SN65LVDS179HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1 2 3 4 5 MoreTexas Instruments
DS90LV028AHHigh Temperature 3V LVDS Dual Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
HD26LS31Quadruple Differential Line Drivers With 3 State Outputs 1 2 3 4 5 MoreHitachi Semiconductor
SN65C1167_06DUAL DIFFERENTIAL DRIVERS AND RECEIVERS 1 2 3 4 5 MoreTexas Instruments
SN55110A_03DUAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
SY10ELT23DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR 1 2 3 4 List of Unclassifed Manufacturers
DS26LV31QML3V Enhanced CMOS Quad Differential Line Driver 1 2 3 4 5 National Semiconductor (TI)
NCP44233A Dual High-Speed MOSFET Drivers 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl