Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC26LS30 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC26LS30
Description  Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC26LS30 Datasheet(HTML) 5 Page - ON Semiconductor

  MC26LS30_05 Datasheet HTML 1Page - ON Semiconductor MC26LS30_05 Datasheet HTML 2Page - ON Semiconductor MC26LS30_05 Datasheet HTML 3Page - ON Semiconductor MC26LS30_05 Datasheet HTML 4Page - ON Semiconductor MC26LS30_05 Datasheet HTML 5Page - ON Semiconductor MC26LS30_05 Datasheet HTML 6Page - ON Semiconductor MC26LS30_05 Datasheet HTML 7Page - ON Semiconductor MC26LS30_05 Datasheet HTML 8Page - ON Semiconductor MC26LS30_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MC26LS30
http://onsemi.com
5
Table 1
Inputs
Outputs
Operation
VCC
VEE
Mode
A
B
C
D
A
B
C
D
Differential
+5.0
Gnd
0
0
0
0
0
0
1
1
0
Differential
(EIA−422−A)
+5.0
Gnd
0
0
0
1
0
0
0
0
0
1
0
1
1
0
1
0
0
1
(EIA 422 A)
0
0
1
X
0
1
0
0
1
1
1
Z
0
Z
0
0
1
1
0
0
X
1
1
0
0
0
1
0
Z
1
Z
0
0
1
1
0
0
0
1
0
0
0
0
0
0
1
1
0
0
1
1
0
0
1
0
0
0
1
0
0
0
1
1
X
0
1
1
0
0
Z
1
Z
Single−Ended
+5.0
−5.0
1
0
0
0
0
0
0
0
0
S g e
ded
(EIA−423−A)
50
50
1
0
1
0
0
0
0
0
0
0
1
0
0
0
0
0
0
(EIA 423 A)
1
1
1
0
0
1
0
0
0
0
1
0
0
1
0
0
0
0
1
1
0
0
1
0
0
1
0
0
0
0
1
0
0
1
0
0
1
1
0
0
0
0
1
0
0
1
0
0
0
0
1
0
0
1
X
0
X
X
X
X
X
X
Z
Z
Z
Z
X = Don’t Care
Z = High Impedance (Off)
Figure 1. Differential Output Test
Figure 2. Single−Ended Output Test
VEE
Mode = 0
VOS
RL
RL/2
RL/2
CL
Vin
(0.8 or 2.0 V)
VCC
VO
VCC
VOD2
Mode = 1
Vin
(0.8 or 2.0 V)
Figure 3. Differential Mode Rise/Fall Time and Data Propagation Delay
NOTES:
1. S.G. set to: f
p 1.0 MHz; duty cycle = 50%; tr, tf, p 10 ns.
2. tSK1 =  tPDH−tPDL for each driver.
3. tSK2 computed by subtracting the shortest tPDH from the longest tPDH of the 2 drivers within a package.
4. tSK3 computed by subtracting the shortest tPDL from the longest tPDL of the 2 drivers within a package.
10%
tPDH
1.5 V
Vin
0 V
10%
50%
90%
tf
tPDL
tr
90%
50%
Vout
1.5 V
+3.0 V
VCC
Vin
S.G.
VOD
500 pF
100


Similar Part No. - MC26LS30_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC26LS30D ONSEMI-MC26LS30D Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
MC26LS30DR2 ONSEMI-MC26LS30DR2 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
More results

Similar Description - MC26LS30_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
logo
Texas Instruments
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
   Quad EIA-422-A Line Receiver CMOS
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com