Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H680FN Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC10H680FN
Description  4?묪it Differential ECL Bus to TTL Bus Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H680FN Datasheet(HTML) 4 Page - ON Semiconductor

  MC10H680FN Datasheet HTML 1Page - ON Semiconductor MC10H680FN Datasheet HTML 2Page - ON Semiconductor MC10H680FN Datasheet HTML 3Page - ON Semiconductor MC10H680FN Datasheet HTML 4Page - ON Semiconductor MC10H680FN Datasheet HTML 5Page - ON Semiconductor MC10H680FN Datasheet HTML 6Page - ON Semiconductor MC10H680FN Datasheet HTML 7Page - ON Semiconductor MC10H680FN Datasheet HTML 8Page - ON Semiconductor MC10H680FN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC10H680, MC100H680
http://onsemi.com
4
Table 6. 100H DC CHARACTERISTICS (CONTROL INPUTS ONLY), ECL VCCT = +5.0 ± 10%, VEE = −4.2 V to −5.5 V
Symbol
TA = 0°C
TA = 25°C
TA = 75°C
Parameter
Min
Max
Min
Max
Min
Max
Unit
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
−1165
−1810
−880
−1475
−1165
−1810
−880
−1475
−1165
−1810
−880
−1475
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 7. DC CHARACTERISTICS, TTL VCCT = +5.0 V ± 10%, VEE = −5.2 ± 5% (10H Version);
VEE = −4.2 V to −5.5 V (100H Version)
Symbol
TA = 0°C
TA = 25°C
TA = 75°C
Parameter
Condition
Min
Max
Min
Max
Min
Max
Unit
VIH
VIL
Standard Input
Standard Input
2.0
0.8
2.0
0.8
2.0
0.8
Vdc
VIK
Input Clamp
IIN = −18 mA
−1.2
−1.2
−1.2
Vdc
VOH
Output HIGH Voltage
Output HIGH Voltage
IOH = −3.0 mA
IOH = −15 mA
2.5
2.0
2.5
2.0
2.5
2.0
V
VOL
Output LOW Voltage
IOL = 48 mA
0.55
0.55
0.55
V
IIH*
TTL (Input HIGH)
TTL (Input HIGH)
Vin = 2.7 V
Vin = 7.0 V
20
100
20
100
20
100
mA
IIL*
TTL (Input LOW)
Vin = 0.5 V
−0.6
−0.6
−0.6
mA
ICCL
Supply Current
75
75
75
mA
ICCH
Supply Current
70
70
70
mA
ICCZ
Supply Current
70
70
70
mA
IOS
Output Short Circuit Current
VOUT = 0 V
−100
−225
−100
−225
−100
−225
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
*TTL Control Inputs only
Table 8. DC (I/O CHARACTERISTICS ONLY), TTL
Symbol
TA = 0°C
TA = 25°C
TA = 75°C
Parameter
Condition
Min
Max
Min
Max
Min
Max
Unit
IIH/IOZH
IIL/IOZL
Output Disable
Current
VOUT = 2.7 V
VOUT = 0.5 V
70
200
70
200
70
200
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


Similar Part No. - MC10H680FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H680FN ONSEMI-MC10H680FN Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
MC10H680FNR2 ONSEMI-MC10H680FNR2 Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
More results

Similar Description - MC10H680FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H680 ONSEMI-MC10H680 Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
MC10H601 ONSEMI-MC10H601 Datasheet
111Kb / 6P
   9?묪it ECL to TTL Translator
November, 2006 ??Rev. 12
MC10H600 ONSEMI-MC10H600_06 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
74FST3125 ONSEMI-74FST3125_06 Datasheet
196Kb / 7P
   4?묪it Bus Switch
June, 2006 ??Rev. 3
74FST3126 ONSEMI-74FST3126_06 Datasheet
195Kb / 7P
   4?묪it Bus Switch
June, 2006 ??Rev. 2
MC10H602 ONSEMI-MC10H602_06 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com