Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H164M Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10H164M
Description  8?묹ine Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H164M Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H164M Datasheet HTML 1Page - ON Semiconductor MC10H164M Datasheet HTML 2Page - ON Semiconductor MC10H164M Datasheet HTML 3Page - ON Semiconductor MC10H164M Datasheet HTML 4Page - ON Semiconductor MC10H164M Datasheet HTML 5Page - ON Semiconductor MC10H164M Datasheet HTML 6Page - ON Semiconductor MC10H164M Datasheet HTML 7Page - ON Semiconductor MC10H164M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10H164
http://onsemi.com
3
Table 2. ELECTRICAL CHARACTERISTICS (VEE = −5.2 V ±5%) (Note 1)
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
83
75
83
mA
IinH
Input Current High
512
320
320
mA
IinL
Input Current Low
0.7
0.7
0.7
mA
VOH
High Output Voltage
−1.02
−0.84
−0.98
−0.81
−0.92
−0.735
Vdc
VOL
Low Output Voltage
−1.95
−1.63
−1.95
−1.63
−1.95
−1.60
Vdc
VIH
High Input Voltage
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
Vdc
VIL
Low Input Voltage
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
Vdc
1. Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is
maintained. Outputs are terminated through a 50 W resistor to −2.0 V.
Table 3. AC PARAMETERS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
Enable
Data
Address
0.4
0.7
1.0
1.45
2.4
2.8
0.4
0.8
1.1
1.5
2.5
2.9
0.5
0.9
1.2
1.7
2.6
3.2
ns
tr
Rise Time
0.5
1.5
0.5
1.6
0.5
1.7
ns
tf
Fall Time
0.5
1.5
0.5
1.6
0.5
1.7
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


Similar Part No. - MC10H164M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H164 ONSEMI-MC10H164 Datasheet
117Kb / 4P
   8-Line Multiplexer
March, 2000 ??Rev. 7
MC10H164 ONSEMI-MC10H164 Datasheet
138Kb / 8P
   8 LINE MULTIPLEXER
March, 2000 ??Rev. 7
MC10H164 ONSEMI-MC10H164 Datasheet
147Kb / 6P
   8?륧ine Multiplexer
August, 2016 ??Rev. 9
MC10H164FN ONSEMI-MC10H164FN Datasheet
138Kb / 8P
   8 LINE MULTIPLEXER
March, 2000 ??Rev. 7
MC10H164FNG ONSEMI-MC10H164FNG Datasheet
147Kb / 6P
   8?륧ine Multiplexer
August, 2016 ??Rev. 9
More results

Similar Description - MC10H164M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H164 ONSEMI-MC10H164 Datasheet
117Kb / 4P
   8-Line Multiplexer
March, 2000 ??Rev. 7
logo
Maxwell Technologies
338RPFS MAXWELL-338RPFS Datasheet
431Kb / 14P
   8-CHANNEL MULTIPLEXER
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
   8-INPUT MULTIPLEXER
October 17 1990
logo
Motorola, Inc
SN54LS151 MOTOROLA-SN54LS151 Datasheet
174Kb / 5P
   8-INPUT MULTIPLEXER
logo
National Semiconductor ...
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
   8-Input Multiplexer
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F_12 Datasheet
267Kb / 8P
   8-Channel Multiplexer
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
   8-input multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151_03 Datasheet
170Kb / 9P
   8-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT151 PHILIPS-74HC_HCT151_15 Datasheet
195Kb / 19P
   8-input multiplexer
Rev. 5-26 January 2015
logo
Fairchild Semiconductor
74F151A FAIRCHILD-74F151A Datasheet
81Kb / 7P
   8-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com