Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100H641FNR2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC100H641FNR2
Description  Single Supply PECL to TTL 1:9 Clock Distribution Chip
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H641FNR2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC100H641FNR2 Datasheet HTML 2Page - ON Semiconductor MC100H641FNR2 Datasheet HTML 3Page - ON Semiconductor MC100H641FNR2 Datasheet HTML 4Page - ON Semiconductor MC100H641FNR2 Datasheet HTML 5Page - ON Semiconductor MC100H641FNR2 Datasheet HTML 6Page - ON Semiconductor MC100H641FNR2 Datasheet HTML 7Page - ON Semiconductor MC100H641FNR2 Datasheet HTML 8Page - ON Semiconductor MC100H641FNR2 Datasheet HTML 9Page - ON Semiconductor MC100H641FNR2 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC10H641, MC100H641
http://onsemi.com
7
Rise/Fall Skew Determination
The rise−to−fall skew is defined as simply the difference
between the TPLH and the TPHL propagation delays. This
skew for the H641 is dependent on the VCC applied to the
device. Notice from Figure 4 the opposite relationship of
TPD versus VCC between TPLH and TPHL. Because of this
the rise−to−fall skew will vary depending on VCC. Since in
all likelihood it will be impossible to establish the exact
value for VCC, the expected variation range for VCC should
be used. If this variation will be the ± 5% shown in the data
sheet the rise−to−fall skew could be established by simply
subtracting the fastest TPLH from the slowest TPHL; this
exercise yields 1.41 ns. If a tighter VCC range can be realized
Figure 4 can be used to establish the rise−to−fall skew.
Specification Limit Determination Example
The situation pictured in Figure 6 will be analyzed as an
example. The central clock is distributed to two different
cards; on one card a single H641 is used to distribute the
clock while on the second card two H641’s are required to
supply the needed clocks. The data sheet as well as the
graphical information of this section will be used to
calculate the skew between H641a and H641b as well as the
skew between all three of the devices. Only the TPLH will be
analyzed, the TPHL numbers can be found using the same
technique. The following assumptions will be used:
− All outputs will be loaded with 50 pF
− All outputs will toggle at 30 MHz
− The VCC variation between the two boards is ± 3 %
− The temperature variation between the three
devices is ± 15°C around an ambient of 45°C.
− 500 lfpm air flow
The first task is to calculate the junction temperature for
the devices under these conditions. Using the power
equation yields:
PD =ICC (no load) * VCC +
VCC * VS * f * CL * # outputs
=4.3 * 48m A * 5.0 V + 5.0 V * 3.0 V * 30 MHz *
50 pF * 9
=432 mW + 203 mW = 635 mW
Using the thermal resistance graph of Figure 2 yields a
thermal resistance of 41°C/W which yields a junction
temperature of 71°C with a range of 56°C to 86°C. Using the
TPD versus Temperature curve of Figure 3 yields a
propagation delay of 5.42 ns and a variation of 0.19 ns.
Since the design will not experience the full ± 5% VCC
variation of the data sheet the 1.0 ns window provided will
be unnecessarily conservative. Using the curve of Figure 4
shows a delay variation due to a ± 3% VCC variation of
± 0.075 ns. Therefore the 1.0 ns window can be reduced to
1.0 ns − (0.27 ns − 0.15 ns) = 0.88 ns. Since H641a and
H641b are on the same board we will assume that they will
always be at the same VCC; therefore the propagation delay
window will only be 1 ns − 0.27 ns = 0.73 ns.
Putting all of this information together leads to a skew
between all devices of
0.19 ns + 0.88 ns
(temperature + supply, and inherent device),
while the skew between devices A and B will be only
0.19 ns + 0.73 ns
(temperature + inherent device only).
In both cases, the propagation delays will be centered
around 5.42 ns, resulting in the following tPLH windows:
TPLH = 4.92 ns − 5.99 ns; 1.07 ns window
(all devices)
TPLH= 5.00 ns − 5.92 ns; 0.92 ns window
(devices a & b)
Of course the output−to−output skew will be as shown in
the data sheet since all outputs are equally loaded.
This process may seem cumbersome, however the delay
windows, and thus skew, obtained are significantly better
than the conservative worst case limits provided at the
beginning of this note. For very high performance designs,
this extra information and effort can mean the difference
between going ahead with prototypes or spending valuable
engineering time searching for alternative approaches.
Q0
Q8
TTL
ECL
H641a
Q0
Q8
TTL
ECL
H641b
Q0
Q8
TTL
ECL
H641c
Card 1
Card 2
Figure 6. Example Application


Similar Part No. - MC100H641FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100H641 ONSEMI-MC100H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
More results

Similar Description - MC100H641FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
logo
Micrel Semiconductor
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY10H641 MICREL-SY10H641 Datasheet
84Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641 MICREL-SY10H641_06 Datasheet
73Kb / 6P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641A MICREL-SY10H641A Datasheet
127Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L Datasheet
86Kb / 5P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
logo
ON Semiconductor
MC10H646 ONSEMI-MC10H646_06 Datasheet
129Kb / 8P
   PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com