Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H160P Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10H160P
Description  12?묪it Parity Generator?묬hecker
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H160P Datasheet(HTML) 1 Page - ON Semiconductor

  MC10H160P Datasheet HTML 1Page - ON Semiconductor MC10H160P Datasheet HTML 2Page - ON Semiconductor MC10H160P Datasheet HTML 3Page - ON Semiconductor MC10H160P Datasheet HTML 4Page - ON Semiconductor MC10H160P Datasheet HTML 5Page - ON Semiconductor MC10H160P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 8
1
Publication Order Number:
MC10H160/D
MC10H160
12−Bit Parity
Generator−Checker
Description
The MC10H160 is a 12−bit parity generator−checker. The output
goes high when an odd number of inputs are high providing the odd
parity function. Unconnected inputs are pulled to a logic low allowing
parity detection and generation for less than 12−bits. The MC10H160
is a functional pin duplication of the standard 10K family part with
100% improvement in propagation delay and no increase in
power−supply current.
Features
Propagation Delay, 2.5 ns Typical
Power Dissipation, 320 mW Typical
Improved Noise Margin 150 mV
(Over Operating Voltage and Temperature Range)
Voltage Compensated
MECL 10K™ Compatible
Pb−Free Packages are Available*
LOGIC DIAGRAM
DIP
PIN ASSIGNMENT
VCC1
OUT
IN1
IN2
IN3
IN4
IN5
VEE
VCC2
IN12
IN11
IN10
IN9
IN8
IN7
IN6
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
15
14
13
12
11
10
9
7
6
5
4
3
2
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
TRUTH TABLE
INPUT
Sum of
High Level
Inputs
OUTPUT
Pin 2
Even
Odd
Low
High
Pin assignment is for Dual−in−Line Package.
For PLCC pin assignment, see the Pin Conversion Tables on page 18
of the ON Semiconductor MECL Data Book (DL122/D).
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CDIP−16
L SUFFIX
CASE 620A
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
SOEIAJ−16
CASE 966
16
1
16
1
MC10H160P
AWLYYWWG
1
16
MC10H160L
AWLYYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G= Pb−Free Package
10H160
ALYWG
PLLC−20
FN SUFFIX
CASE 775
20 1
10H160G
AWLYYWW
120


Similar Part No. - MC10H160P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H160P ONSEMI-MC10H160P Datasheet
111Kb / 4P
   12-Bit Parity Generator-Checker
May, 2000 ??Rev. 7
More results

Similar Description - MC10H160P

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160 Datasheet
60Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10H160 ONSEMI-MC10H160 Datasheet
111Kb / 4P
   12-Bit Parity Generator-Checker
May, 2000 ??Rev. 7
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160_06 Datasheet
62Kb / 5P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10E160 ONSEMI-MC10E160 Datasheet
106Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
1996 REV 2
logo
Texas Instruments
9348 TI1-9348 Datasheet
329Kb / 6P
[Old version datasheet]   9348 12-Input Parity Checker/Generator
logo
ON Semiconductor
MC10E160 ONSEMI-MC10E160_06 Datasheet
191Kb / 8P
   5V ECL 12-Bit Parity Generator/Checker
June, 2006 ??Rev. 6
logo
STMicroelectronics
74LVQ280 STMICROELECTRONICS-74LVQ280 Datasheet
229Kb / 8P
   9 BIT PARITY GENERATOR
74AC280 STMICROELECTRONICS-74AC280 Datasheet
64Kb / 8P
   9 BIT PARITY GENERATOR
December 1998
logo
Micrel Semiconductor
SY100S360 MICREL-SY100S360_07 Datasheet
82Kb / 4P
   DUAL PARITY CHECKER/ GENERATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com