Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H642FNG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC10H642FNG
Description  68030/040 PECL to TTL Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H642FNG Datasheet(HTML) 4 Page - ON Semiconductor

  MC10H642FNG Datasheet HTML 1Page - ON Semiconductor MC10H642FNG Datasheet HTML 2Page - ON Semiconductor MC10H642FNG Datasheet HTML 3Page - ON Semiconductor MC10H642FNG Datasheet HTML 4Page - ON Semiconductor MC10H642FNG Datasheet HTML 5Page - ON Semiconductor MC10H642FNG Datasheet HTML 6Page - ON Semiconductor MC10H642FNG Datasheet HTML 7Page - ON Semiconductor MC10H642FNG Datasheet HTML 8Page - ON Semiconductor MC10H642FNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC10H642, MC100H642
http://onsemi.com
4
Table 5. 10H/100H TTL DC CHARACTERISTICS (VT = VE = 5.0 V ± 5%)
Symbol
Characteristic
Condition
TA = 0°C
TA = 25°C
TA = 85°C
Unit
Min
Max
Min
Max
Min
Max
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
2.0
0.8
2.0
0.8
2.0
0.8
V
IIH
Input HIGH Current
VIN = 2.7 V
VIN = 7.0 V
20
100
20
100
20
100
mA
IIL
Input LOW Current
VIN = 0.5 V
−0.6
−0.6
−0.6
mA
VOH
Output HIGH Voltage
IOH = −3.0 mA
IOH = −15 mA
2.5
2.0
2.5
2.0
2.5
2.0
V
VOL
Output LOW Voltage
IOL = 24 mA
0.5
0.5
0.5
V
VIK
Input Clamp Voltage
IIN = −18 mA
−1.2
−1.2
−1.2
V
IOS
Output Short Circuit Current
VOUT = 0 V
−100
−225
−100
−225
−100
−225
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 6. AC CHARACTERISTICS (VT = VE = 5.0 V ± 5%)
TA = 0°C
TA = 25°C
TA = 85°C
Symbol
Characteristic
Condition
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
D to Output
Q2−Q7
C ECL
C TTL
CL = 25 pF
4.70
4.70
5.70
5.70
4.75
4.75
5.75
5.75
4.60
4.50
5.60
5.50
ns
tskpp
Part−to−Part Skew
1.0
1.0
1.0
ns
tskwd*
Within−Device Skew
0.5
0.5
0.5
ns
tPLH
Propagation Delay
D to Output
Q0, Q1
C ECL
C TTL
CL = 25 pF
4.30
4.30
5.30
5.30
4.50
4.50
5.50
5.50
4.25
4.25
5.25
5.25
ns
tskpp
Part−to−Part Skew
All
Outputs
CL = 25 pF
2.0
2.0
2.0
ns
tskwd
Within−Device Skew
CL = 25 pF
1.0
1.0
1.0
ns
tPD
Propagation Delay
R to Output
All
Outputs
CL = 25 pF
4.3
6.3
4.0
6.0
4.5
6.5
ns
tR
tF
Output Rise/Fall Time
0.8 V to 2.0 V
All
Outputs
CL = 25 pF
2.5
2.5
2.5
2.5
2.5
2.5
ns
fMAX**
Maximum Input Frequency
CL = 25 pF
100
100
100
MHz
RPW
Reset Pulse Width
1.5
1.5
1.5
ns
RRT
Reset Recovery Time
1.25
1.25
1.25
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
* Within−Device Skew defined as identical transactions on similar paths through a device.
**MAX Frequency is 135 MHz.


Similar Part No. - MC10H642FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H642 ONSEMI-MC10H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
More results

Similar Description - MC10H642FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H644 ONSEMI-MC10H644_06 Datasheet
167Kb / 6P
   68030/040 PECL to TTL Clock Driver
June, 2006 ??Rev. 6
MC10H640 ONSEMI-MC10H640_06 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H642 ONSEMI-MC10H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
   PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
   PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com