Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100H640FNR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100H640FNR2
Description  68030/040 PECL to TTL Clock Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H640FNR2 Datasheet(HTML) 4 Page - ON Semiconductor

  MC100H640FNR2 Datasheet HTML 1Page - ON Semiconductor MC100H640FNR2 Datasheet HTML 2Page - ON Semiconductor MC100H640FNR2 Datasheet HTML 3Page - ON Semiconductor MC100H640FNR2 Datasheet HTML 4Page - ON Semiconductor MC100H640FNR2 Datasheet HTML 5Page - ON Semiconductor MC100H640FNR2 Datasheet HTML 6Page - ON Semiconductor MC100H640FNR2 Datasheet HTML 7Page - ON Semiconductor MC100H640FNR2 Datasheet HTML 8Page - ON Semiconductor MC100H640FNR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC10H640, MC100H640
http://onsemi.com
4
Table 6. AC CHARACTERISTICS (VT = VE = 5.0 V ± 5%)
Symbol
Characteristic
Condition
0°C
25°C
85°C
Unit
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay ECL
D to Output
Q0 − Q3
CL = 25 pF
4.0
6.0
4.0
6.0
4.2
6.2
ns
tPLH
Propagation Delay TTL
D to Output
CL = 25 pF
4.0
6.0
4.0
6.0
4.3
6.3
ns
tskwd*
Within−Device Skew
CL = 25 pF
0.5
0.5
0.5
ns
tPLH
Propagation Delay ECL
D to Output
Q0, Q1
CL = 25 pF
4.0
6.0
4.0
6.0
4.2
6.2
ns
tPLH
Propagation Delay TTL
D to Output
CL = 25 pF
4.0
6.0
4.0
6.0
4.3
6.3
ns
tPLH
Propagation Delay ECL
D to Output
Q4, Q5
CL = 25 pF
4.0
6.0
4.0
6.0
4.2
6.2
ns
tPLH
Propagation Delay TTL
D to Output
CL = 25 pF
4.0
6.0
4.0
6.0
4.3
6.3
ns
tPD
Propagation Delay
R to Output
All Outputs
CL = 25 pF
4.3
6.3
4.3
6.3
5.0
7.0
ns
tR
tF
Output Rise/Fall Time
0.8 V to 2.0 V
All Outputs
CL = 25 pF
2.5
2.5
2.5
2.5
2.5
2.5
ns
fmax
Maximum Input Frequency
CL = 25 pF
135
135
135
MHz
tpw
Minimum Pulse Width
1.50
1.50
1.50
ns
trr
Reset Recovery Time
1.25
1.25
1.25
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
3. Within−Device Skew defined as identical transitions on similar paths through a device.
Table 7. VCC and CL RANGES TO MEET DUTY CYCLE REQUIREMENTS
(0°C ≤ TA ≤ 85°C Output Duty Cycle Measured Relative to 1.5 V)
Symbol
Characteristic
Condition
Min
Nom
Max
Unit
Range of VCC and CL to meet mini-
mum pulse width
(HIGH or LOW)
= 11.5 ns at fout ≤ 40 MHz
VCC
CL
Q0 − Q3
Q0 − Q1
4.75
10
5.0
5.25
50
V
pF
Range of VCC and CL to meet mini-
mum pulse width
(HIGH or LOW)
= 9.5 ns at 40 < fout ≤ 50 MHz
VCC
CL
Q0 − Q3
4.875
15
5.0
5.125
27
V
pF


Similar Part No. - MC100H640FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100H640 ONSEMI-MC100H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
More results

Similar Description - MC100H640FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H642 ONSEMI-MC10H642_06 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H644 ONSEMI-MC10H644_06 Datasheet
167Kb / 6P
   68030/040 PECL to TTL Clock Driver
June, 2006 ??Rev. 6
MC10H642 ONSEMI-MC10H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
   PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
   PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com