Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100H601 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100H601
Description  9?묪it ECL to TTL Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H601 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100H601 Datasheet HTML 1Page - ON Semiconductor MC100H601 Datasheet HTML 2Page - ON Semiconductor MC100H601 Datasheet HTML 3Page - ON Semiconductor MC100H601 Datasheet HTML 4Page - ON Semiconductor MC100H601 Datasheet HTML 5Page - ON Semiconductor MC100H601 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 12
1
Publication Order Number:
MC10H601/D
MC10H601, MC100H601
9−Bit ECL to TTL Translator
Description
The MC10H/100H601 is a 9−bit, dual supply ECL to TTL
translator. Devices in the ON Semiconductor 9−bit translator series
utilize the 28−lead PLCC for optimal power pinning, signal
flow−through and electrical performance.
The devices feature a 48 mA TTL output stage, and AC
performance is specified into both a 50 pF and 200 pF load
capacitance. For the 3−state output disable, both ECL and TTL control
inputs are provided, allowing maximum design flexibility.
The 10H version is compatible with MECL 10H™ ECL logic levels.
The 100H version is compatible with 100K levels.
Features
9−Bit Ideal for Byte−Parity Applications
3−State TTL Outputs
Flow−Through Configuration
Extra TTL and ECL Power Pins to Minimize Switching Noise
ECL and TTL 3−State Control Inputs
Dual Supply
4.8 ns Max Delay into 50 pF, 9.6 ns into 200 pF
(all Outputs Switching)
PNP TTL Inputs for Low Loading
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G= Pb−Free Package
PLCC−28
FN SUFFIX
CASE 776
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MCxxxH601G
AWLYYWW


Similar Part No. - MC100H601

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100H600 ONSEMI-MC100H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC100H600 ONSEMI-MC100H600 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC100H600FN ONSEMI-MC100H600FN Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC100H600FN ONSEMI-MC100H600FN Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC100H600FNG ONSEMI-MC100H600FNG Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
More results

Similar Description - MC100H601

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H600 ONSEMI-MC10H600_06 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC10H602 ONSEMI-MC10H602_06 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC10H600 ONSEMI-MC10H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
   9-Bit Latch ECL/TTL Translator
1996 REV 5
logo
National Semiconductor ...
F100125 NSC-F100125 Datasheet
105Kb / 4P
   Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com