Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDT386DGGRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75LVDT386DGGRG4
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDT386DGGRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN75LVDT386DGGRG4 Datasheet HTML 1Page - Texas Instruments SN75LVDT386DGGRG4 Datasheet HTML 2Page - Texas Instruments SN75LVDT386DGGRG4 Datasheet HTML 3Page - Texas Instruments SN75LVDT386DGGRG4 Datasheet HTML 4Page - Texas Instruments SN75LVDT386DGGRG4 Datasheet HTML 5Page - Texas Instruments SN75LVDT386DGGRG4 Datasheet HTML 6Page - Texas Instruments SN75LVDT386DGGRG4 Datasheet HTML 7Page - Texas Instruments SN75LVDT386DGGRG4 Datasheet HTML 8Page - Texas Instruments SN75LVDT386DGGRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
’LVDx386
1A
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y
’LVDT386 ONLY
’LVDx388A
EN
1A
1B
2A
2B
1Y
2Y
’LVDT388A ONLY
EN
’LVDx390
1A
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y
’LVDT390 ONLY
EN
EN
(1/4 of ’LVDx386 shown)
(1/4 of ’LVDx388A shown)
(’LVDx390 shown)
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
300 k
300 k
VCC
7 V
7 V
A Input
B Input
7 V
400
VCC
EN
VCC
5
7 V
Y Output
300 k
110
’LVDT Devices Only
SN65LVDS386/388A/390, SN65LVDT386/388A/390
SN75LVDS386/388A/390, SN75LVDT386/388A/390
SLLS394G – SEPTEMBER 1999 – REVISED NOVEMBER 2004
LOGIC DIAGRAM (POSITIVE LOGIC)
FUNCTION TABLE
SNx5LVD386/388A/390 and SNx5LVDT386/388A/390
DIFFERENTIAL INPUT(1)
ENABLES(1)
OUTPUT(1)
A-B
EN
Y
VID≥ 100 mV
H
H
–100 mV < VID≤ 100 mV
H
?
VID≤ -100 mV
H
L
X
L
Z
Open
H
H
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance
(off), ? = indeterminate
3


Similar Part No. - SN75LVDT386DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDT386DGGR TI-SN75LVDT386DGGR Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75LVDT386DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com