Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H332FNR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10H332FNR2
Description  Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H332FNR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10H332FNR2 Datasheet HTML 1Page - ON Semiconductor MC10H332FNR2 Datasheet HTML 2Page - ON Semiconductor MC10H332FNR2 Datasheet HTML 3Page - ON Semiconductor MC10H332FNR2 Datasheet HTML 4Page - ON Semiconductor MC10H332FNR2 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC10H332
http://onsemi.com
2
Table 1. MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
−8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current
− Continuous
− Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range − Plastic
− Ceramic
−55 to +150
−55 to +165
°C
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
Table 2. ELECTRICAL CHARACTERISTICS (VEE = −5.2 V ±5%) (Note 1)
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
115
110
115
mA
IinH
Input Current High
Pins 3,4,5,6,14,
15,16,17
Pins 7,8
Pins 13, 18
667
437
456
417
273
285
417
273
285
mA
IinL
Input Current Low
0.5
0.5
0.3
mA
VOH
High Output Voltage
−1.02
−0.84
−0.98
−0.81
−0.92
−0.735
Vdc
VOL
Low Output Voltage
−1.95
−1.63
−1.95
−1.63
−1.95
−1.60
Vdc
VIH
High Input Voltage
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
Vdc
VIL
Low Input Voltage
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
Vdc
1. Each MECL 10H™ series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
Outputs are terminated through a 50 W resistor to −2.0 V.
Table 3. AC PARAMETERS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
Data−to−Bus Output
Select−to−Bus
Output
OE−to−Bus Output
Bus−to−Receiver
Select−to−Receiver
RE−to−Receiver
Data−to−Receiver
0.8
0.8
0.8
0.8
1.8
0.8
1.3
3.0
3.4
2.4
2.1
4.5
2.2
4.0
0.8
0.8
0.8
0.8
1.8
0.8
1.3
3.0
3.4
2.4
2.1
4.5
2.2
4.0
0.8
0.8
0.8
0.8
1.8
0.8
1.3
3.2
3.8
2.6
2.4
5.0
2.5
4.5
ns
tr
Rise Time
0.5
2.0
0.5
2.0
0.5
2.1
ns
tf
Fall Time
0.5
2.0
0.5
2.0
0.5
2.1
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


Similar Part No. - MC10H332FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H332 ONSEMI-MC10H332 Datasheet
106Kb / 4P
   Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
1996 REV 5
More results

Similar Description - MC10H332FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H332 ONSEMI-MC10H332 Datasheet
106Kb / 4P
   Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
1996 REV 5
MC10H330 ONSEMI-MC10H330 Datasheet
115Kb / 4P
   Quad Bus Driver/Receiver with 2-to-1 Output Multiplexers
1996 REV 5
MC10H330 ONSEMI-MC10H330_06 Datasheet
150Kb / 5P
   Quad Bus Driver/Receiver with 2?뭪o?? Output Multiplexers
February, 2006 ??Rev. 7
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
UT54ACS153 AEROFLEX-UT54ACS153 Datasheet
245Kb / 10P
   Dual 4 to 1 Multiplexers
logo
Maxim Integrated Produc...
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
logo
Renesas Technology Corp
HD74HC153 RENESAS-HD74HC153 Datasheet
79Kb / 6P
   Dual 4-to-1-line Data Selectors/Multiplexers
HD74HC353 RENESAS-HD74HC353 Datasheet
182Kb / 7P
   Dual 4-to-1-line Data Selectors/Multiplexers
logo
Hitachi Semiconductor
HD74HC153 HITACHI-HD74HC153 Datasheet
45Kb / 8P
   Dual 4-to-1-line Data Selectors/Multiplexers
logo
Renesas Technology Corp
HD74HC352 RENESAS-HD74HC352 Datasheet
84Kb / 7P
   Dual 4-to-1-line Data Selectors/Multiplexers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com