Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H104MELG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10H104MELG
Description  Quad 2?묲nput AND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H104MELG Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H104MELG Datasheet HTML 1Page - ON Semiconductor MC10H104MELG Datasheet HTML 2Page - ON Semiconductor MC10H104MELG Datasheet HTML 3Page - ON Semiconductor MC10H104MELG Datasheet HTML 4Page - ON Semiconductor MC10H104MELG Datasheet HTML 5Page - ON Semiconductor MC10H104MELG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC10H104
http://onsemi.com
3
Table 3. AC PARAMETERS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
0.4
1.6
0.45
1.75
0.45
1.9
ns
tr
Rise Time
0.5
1.6
0.5
1.7
0.5
1.8
ns
tf
Fall Time
0.5
1.6
0.5
1.7
0.5
1.8
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
ORDERING INFORMATION
Device
Package
Shipping
MC10H104M
SOEIAJ−16
50 Unit / Rail
MC10H104MG
SOEIAJ−16
(Pb−Free)
50 Unit / Rail
MC10H104MEL
SOEIAJ−16
2000 / Tape & Reel
MC10H104MELG
SOEIAJ−16
(Pb−Free)
2000 / Tape & Reel
MC10H104FN
PLLC−20
46 Units / Rail
MC10H104FNG
PLLC−20
(Pb−Free)
46 Units / Rail
MC10H104FNR2
PLLC−20
500 / Tape & Reel
MC10H104FNR2G
PLLC−20
(Pb−Free)
500 / Tape & Reel
MC10H104L
CDIP−16
25 Unit / Rail
MC10H104P
PDIP−16
25 Unit / Rail
MC10H104PG
PDIP−16
(Pb−Free)
25 Unit / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC10H104MELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H104 ONSEMI-MC10H104 Datasheet
94Kb / 3P
   Quad 2-Input AND Gate
REV 6
MC10H104 ONSEMI-MC10H104 Datasheet
139Kb / 5P
   Quad 2?륤nput AND Gate
August, 2016 ??Rev. 9
MC10H104FNG ONSEMI-MC10H104FNG Datasheet
139Kb / 5P
   Quad 2?륤nput AND Gate
August, 2016 ??Rev. 9
MC10H104FNR2G ONSEMI-MC10H104FNR2G Datasheet
139Kb / 5P
   Quad 2?륤nput AND Gate
August, 2016 ??Rev. 9
MC10H104PG ONSEMI-MC10H104PG Datasheet
139Kb / 5P
   Quad 2?륤nput AND Gate
August, 2016 ??Rev. 9
More results

Similar Description - MC10H104MELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A_06 Datasheet
95Kb / 6P
   Quad 2?묲nput AND Gate
March, 2006 ??Rev. 5
MC74VHC08 ONSEMI-MC74VHC08 Datasheet
92Kb / 6P
   Quad 2?묲nput AND Gate
November, 2005 ??Rev. 6
NLSF308 ONSEMI-NLSF308_06 Datasheet
66Kb / 5P
   Quad 2?묲nput AND Gate
May, 2006 ??Rev. 4
MC74AC08 ONSEMI-MC74AC08_06 Datasheet
140Kb / 9P
   Quad 2?묲nput AND Gate
October, 2006 ??Rev. 8
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
   Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC02 ONSEMI-MC74AC02 Datasheet
141Kb / 10P
   Quad 2?묲nput NOR Gate
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com