Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H330FNR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10H330FNR2G
Description  Quad Bus Driver/Receiver with 2?뭪o?? Output Multiplexers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H330FNR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC10H330FNR2G Datasheet HTML 1Page - ON Semiconductor MC10H330FNR2G Datasheet HTML 2Page - ON Semiconductor MC10H330FNR2G Datasheet HTML 3Page - ON Semiconductor MC10H330FNR2G Datasheet HTML 4Page - ON Semiconductor MC10H330FNR2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 7
1
Publication Order Number:
MC10H330/D
MC10H330
Quad Bus Driver/Receiver
with 2−to−1 Output
Multiplexers
Description
The MC10H330 is a Quad Bus Driver/Receiver with two−to−one
output multiplexers. These multiplexers have a common select and
output enable. When disabled, (OE = high) the bus outputs go to
−2.0 V. Their output can be brought to a low state (VOL) by applying a
high level to the receiver enable (RE = High). The parameters
specified are with 25
W loading on the bus drivers and 50 W loads on
the receivers.
Features
Propagation Delay, 1.5 ns Typical Data−to−Output
Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K™ Compatible
Pb−Free Packages are Available*
DIP
PIN ASSIGNMENT
VCC
XBUS
WBUS
VCC0
X1
X0
W1
W0
VCC0
YBUS
ZBUS
OE
Y0
Y1
Z0
Z1
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
S
WIN
XIN
VEE
RE
ZIN
YIN
VCC0
16
15
14
13
9
10
11
12
Pin assignment is for Dual−in−Line Package.
For PLCC pin assignment, see the Pin Conversion Tables on page 18
of the ON Semiconductor MECL Data Book (DL122/D).
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CDIP−24
L SUFFIX
CASE 758
MARKING DIAGRAMS*
PDIP−24
P SUFFIX
CASE 724
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G= Pb−Free Package
PLCC−28
P SUFFIX
CASE 776
1
24
MC10H330L
AWLYYWW
10H330G
AWLYYWW
1
1
24
MC10H330P
AWLYYWWG


Similar Part No. - MC10H330FNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H330FNR2 ONSEMI-MC10H330FNR2 Datasheet
115Kb / 4P
   Quad Bus Driver/Receiver with 2-to-1 Output Multiplexers
1996 REV 5
More results

Similar Description - MC10H330FNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H330 ONSEMI-MC10H330 Datasheet
115Kb / 4P
   Quad Bus Driver/Receiver with 2-to-1 Output Multiplexers
1996 REV 5
MC10H332 ONSEMI-MC10H332 Datasheet
106Kb / 4P
   Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
1996 REV 5
MC10H332 ONSEMI-MC10H332_06 Datasheet
139Kb / 5P
   Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
February, 2006 ??Rev. 7
logo
LG Semicon Co.,Ltd.
GD74HCT298 LG-GD74HCT298 Datasheet
272Kb / 6P
   QUAD 2-INPUT MULTIPLEXERS WITH OUTPUT LATCH
logo
ON Semiconductor
MC10H334 ONSEMI-MC10H334_06 Datasheet
135Kb / 5P
   Quad Bus Driver/Receiver with Transmit and Receiver Latches
February, 2006 ??Rev. 7
MC10H334 ONSEMI-MC10H334 Datasheet
105Kb / 4P
   Quad Bus Driver/Receiver with Transmit and Receiver Latches
1996 REV 5
logo
Advanced Micro Devices
AM8T28 AMD-AM8T28 Datasheet
292Kb / 5P
   Schottky Three-State Quad Bus Driver/Receiver
logo
Motorola, Inc
MC10129 MOTOROLA-MC10129 Datasheet
113Kb / 7P
   Quad Bus Receiver
logo
Hitachi Semiconductor
74HC298 HITACHI-74HC298 Datasheet
34Kb / 7P
   Quad. 2-input Multiplexers (with storage)
HD74HC298 HITACHI-HD74HC298 Datasheet
43Kb / 8P
   Quad. 2-input Multiplexers (with storage)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com