Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H210MEL Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10H210MEL
Description  Dual 3?묲nput 3?뭀utput OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H210MEL Datasheet(HTML) 2 Page - ON Semiconductor

  MC10H210MEL Datasheet HTML 1Page - ON Semiconductor MC10H210MEL Datasheet HTML 2Page - ON Semiconductor MC10H210MEL Datasheet HTML 3Page - ON Semiconductor MC10H210MEL Datasheet HTML 4Page - ON Semiconductor MC10H210MEL Datasheet HTML 5Page - ON Semiconductor MC10H210MEL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC10H210
http://onsemi.com
2
Table 1. MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
−8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current
− Continuous
− Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range − Plastic
− Ceramic
−55 to +150
−55 to +165
°C
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
Table 2. ELECTRICAL CHARACTERISTICS (VEE = −5.2 V ±5%) (Note 1)
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
42
38
42
mA
IinH
Input Current High
720
450
450
mA
IinL
Input Current Low
0.5
0.5
0.3
mA
VOH
High Output Voltage
−1.02
−0.84
−0.98
−0.81
−0.92
−0.735
Vdc
VOL
Low Output Voltage
−1.95
−1.63
−1.95
−1.63
−1.95
−1.60
Vdc
VIH
High Input Voltage
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
Vdc
VIL
Low Input Voltage
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
Vdc
1. Each MECL 10H™ series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is
maintained. Outputs are terminated through a 50 W resistor to −2.0 V. Note: If crosstalk is present, double bypass capacitor to 0.2 mF.
Table 3. AC PARAMETERS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
0.5
1.55
0.55
1.55
0.6
1.7
ns
tr
Rise Time
0.75
1.8
0.75
1.9
0.8
2.0
ns
tf
Fall Time
0.75
1.8
0.75
1.9
0.8
2.0
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


Similar Part No. - MC10H210MEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H210 ONSEMI-MC10H210 Datasheet
93Kb / 3P
   Dual 3-Input 3-Output OR Gate
1996 REV 5
More results

Similar Description - MC10H210MEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H211 ONSEMI-MC10H211_06 Datasheet
128Kb / 6P
   Dual 3?묲nput 3?뭀utput NOR Gate
November, 2006 ??Rev. 9
MC10111 ONSEMI-MC10111 Datasheet
162Kb / 5P
   Dual 3?묲nput/3?뭀uput NOR Gate
June, 2006 ??Rev. 8
NL27WZ32 ONSEMI-NL27WZ32_06 Datasheet
63Kb / 5P
   Dual 2?묲nput OR Gate
April, 2006 ??Rev. 6
MC10H209 ONSEMI-MC10H209_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC74AC11D ONSEMI-MC74AC11D Datasheet
131Kb / 9P
   Triple 3?묲nput AND Gate
October, 2006 ??Rev. 7
MC10H109 ONSEMI-MC10H109_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC74AC11DTR2 ONSEMI-MC74AC11DTR2 Datasheet
131Kb / 9P
   Triple 3?묲nput AND Gate
October, 2006 ??Rev. 7
74HC595 ONSEMI-74HC595 Datasheet
160Kb / 13P
   8?묪it Serial?묲nput/Serial or Parallel?뭀utput Shift Register with Latched 3?뭆tate Outputs
March, 2007 ??Rev. 1
logo
Motorola, Inc
MC10110 MOTOROLA-MC10110 Datasheet
56Kb / 4P
   Dual 3-Input/3-Output OR Gate
logo
ON Semiconductor
MC10110 ONSEMI-MC10110 Datasheet
70Kb / 8P
   Dual 3-Input/3-Output OR Gate
March, 2000 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com