Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDT386DGGG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT386DGGG4
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDT386DGGG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVDT386DGGG4 Datasheet HTML 1Page - Texas Instruments SN65LVDT386DGGG4 Datasheet HTML 2Page - Texas Instruments SN65LVDT386DGGG4 Datasheet HTML 3Page - Texas Instruments SN65LVDT386DGGG4 Datasheet HTML 4Page - Texas Instruments SN65LVDT386DGGG4 Datasheet HTML 5Page - Texas Instruments SN65LVDT386DGGG4 Datasheet HTML 6Page - Texas Instruments SN65LVDT386DGGG4 Datasheet HTML 7Page - Texas Instruments SN65LVDT386DGGG4 Datasheet HTML 8Page - Texas Instruments SN65LVDT386DGGG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
SN65LVDS386/388A/390, SN65LVDT386/388A/390
SN75LVDS386/388A/390, SN75LVDT386/388A/390
SLLS394G – SEPTEMBER 1999 – REVISED NOVEMBER 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
The intended application of this device and signaling technique is for point-to-point baseband data transmission
over controlled impedance media of approximately 100
Ω. The transmission media may be printed-circuit board
traces, backplanes, or cables. The large number of receivers integrated into the same substrate along with the
low pulse skew of balanced signaling, allows extremely precise timing alignment of clock and data for
synchronous parallel data transfers. When used with its companion, 8- or 16-channel driver, the SN65LVDS389
or SN65LVDS387, over 300 million data transfers per second in single-edge clocked systems are possible with
little power. (Note: The ultimate rate and distance of data transfer depends on the attenuation characteristics of
the media, the noise coupling to the environment, and other system characteristics.)
AVAILABLE OPTIONS
TEMPERATURE
NUMBER OF
PART NUMBER
BUS-PIN ESD
SYMBOLIZATION
RANGE
RECEIVERS
SN65LVDS386DGG
–40
°C to 85°C
16
15 kV
LVDS386
SN65LVDT386DGG
–40
°C to 85°C
16
15 kV
LVDT386
SN75LVDS386DGG
0
°C to 70°C
16
4 kV
75LVDS386
SN75LVDT386DGG
0
°C to 70°C
16
4 kV
75LVDT386
SN65LVDS388ADBT
–40
°C to 85°C
8
15 kV
LVDS388A
SN65LVDT388ADBT
–40
°C to 85°C
8
15 kV
LVDT388A
SN75LVDS388ADBT
0
°C to 70°C
8
4 kV
75LVDS388A
SN75LVDT388ADBT
0
°C to 70°C
8
4 kV
75LVDT388A
SN65LVDS390D
–40
°C to 85°C
4
15 kV
LVDS390
SN65LVDS390PW
–40
°C to 85°C
4
15 kV
LVDS390
SN65LVDT390D
–40
°C to 85°C
4
15 kV
LVDT390
SN65LVDT390PW
–40
°C to 85°C
4
15 kV
LVDT390
SN75LVDS390D
0
°C to 70°C
4
4 kV
75LVDS390
SN75LVDS390PW
0
°C to 70°C
4
4 kV
DS390
SN75LVDT390D
0
°C to 70°C
4
4 kV
75LVDT390
SN75LVDT390PW
0
°C to 70°C
4
4 kV
DG390
2


Similar Part No. - SN65LVDT386DGGG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT386DGGG4 TI-SN65LVDT386DGGG4 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN65LVDT386DGGG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com