Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE15033 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MJE15033
Description  8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE15033 Datasheet(HTML) 5 Page - ON Semiconductor

  MJE15033 Datasheet HTML 1Page - ON Semiconductor MJE15033 Datasheet HTML 2Page - ON Semiconductor MJE15033 Datasheet HTML 3Page - ON Semiconductor MJE15033 Datasheet HTML 4Page - ON Semiconductor MJE15033 Datasheet HTML 5Page - ON Semiconductor MJE15033 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MJE15032 (NPN), MJE15033 (PNP)
http://onsemi.com
5
0.1
IC, COLLECTOR CURRENT (AMPS)
100
10
1.0
0.1
0.01
NPN − MJE15032
PNP − MJE15033
Figure 10. NPN − MJE15032
VCE(sat) IC/IB = 20
Figure 11. PNP − MJE15033
VCE(sat) IC/IB = 20
10
1.0
0.1
IC, COLLECTOR CURRENT (AMPS)
10
1.0
0.1
Figure 12. NPN − MJE15032
VBE(sat) IC/IB = 10
Figure 13. PNP − MJE15033
VBE(sat) IC/IB = 10
10
1.0
25°C
150°C
−55°C
IC, COLLECTOR CURRENT (AMPS)
100
1.0
0.1
0.01
10
0.1
1.0
10
25°C
150°C
−55°C
0.1
IC, COLLECTOR CURRENT (AMPS)
10
1.0
0.1
10
1.0
25°C
150°C
−55°C
25°C
150°C
−55°C


Similar Part No. - MJE15033

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE15033 MOTOROLA-MJE15033 Datasheet
141Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
logo
ON Semiconductor
MJE15033 ONSEMI-MJE15033 Datasheet
141Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1997
logo
Savantic, Inc.
MJE15033 SAVANTIC-MJE15033 Datasheet
91Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
MJE15033 ISC-MJE15033 Datasheet
107Kb / 2P
   isc Silicon PNP Power Transistor
logo
Savantic, Inc.
MJE15033 SAVANTIC-MJE15033 Datasheet
92Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - MJE15033

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
MJW21192 MOTOROLA-MJW21192 Datasheet
150Kb / 8P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
logo
ON Semiconductor
MJW21195 ONSEMI-MJW21195_06 Datasheet
75Kb / 7P
   16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2006 ??Rev. 2
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
MJE15034 ONSEMI-MJE15034_06 Datasheet
74Kb / 5P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS, 50 WATTS
January, 2006 ??Rev. 3
logo
Motorola, Inc
MJ15018 MOTOROLA-MJ15018 Datasheet
135Kb / 4P
   4.0 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 200 AND 250 VOLTS 150 WATTS
logo
ON Semiconductor
MJ15023 ONSEMI-MJ15023_13 Datasheet
105Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS 200 ??250 VOLTS, 250 WATTS
August, 2013 ??Rev. 12
logo
Motorola, Inc
MJ21193 MOTOROLA-MJ21193 Datasheet
173Kb / 6P
   16 ampere complementary silicon power transistors 250 volts 250 watts
logo
ON Semiconductor
MJW3281A ONSEMI-MJW3281A_06 Datasheet
74Kb / 6P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
logo
Motorola, Inc
MJF3055 MOTOROLA-MJF3055 Datasheet
156Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS 10 AMPERES 90 VOLTS 30 WATTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com